Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC20A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC20A
Description  20mm Size Metal Shaft Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC20A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC20A_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC20A_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
282
Heavy torque and comfortable operation feel for
encoder and potentiometer applications
20mm Size Metal Shaft Type
EC20A
RK203
Product Line
Vertical
Flat
Encoders
30
40±20
With
1.5
18
18
EC20A1824401
Without
EC20A1820401
400
800
Product No.
1
2
Drawing
No.
Minimum order unit(pcs.)
Japan
Export
Number of
detent
Number
of pulse
Shaft
configuration
Length of the
shaft(mm)
Push-on
switch
Travel of push-on
switch(mm)
Operating
direction
Detent torque
(mN・m)
Flat
Potentiometer
30
40±20
17
220° Vertical Single-
unit
10
1B
RK203111000V
800
800
Product No.
3
Drawing
No.
Minimum order unit(pcs.)
Japan
Export
Number
of detent
Rotational
angle
Mounting
direction
Numberof
resistorelements
Totalresistance
(kΩ)
Resistance
taper
Shaft
configuration
Length of the
shaft(mm)
Detent torque
(mN・m)
Typical Specifications
Items
Specifications
Encoder
Potentiometer
Rating
1mA 5V DC
0.05W
Operating life
30,000 cycles
Operating temperature range
−30℃ to +80℃
−40℃ to +85℃
Dimensions
Photo
No.
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Unit:mm
EC20A
with push-on switch
(travel 1.5mm)
Encoder type
1
10
1.5
10
12
30
Switch travel
C1
3.5
Mounting
surface
3.5
1.5
ø20.2
15.5
ø3
3–1
M9G0.75
D
E
NCNCNC
B
A C
D E
(SW02)
(SW01)
(17.8)
2-0.9
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
400
800
374×508×272
Packing Specifications
Tray
Refer to P.284 for attached parts.
Refer to P.284 for switches.
Refer to P.307 for soldering conditions.
1. Only the encoder type can be supplied with a push-on switch.
2. Shaft design and other features are customizable.
Notes


Similar Part No. - EC20A_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC20A1820401 ALPS-EC20A1820401 Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
EC20A1820401 ALPS-EC20A1820401 Datasheet
1Mb / 5P
Heavy rotation torque and good operational feel, available in potentiometer and encoder types
logo
List of Unclassifed Man...
EC20A1820401 ETC-EC20A1820401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ALPINE CO., LTD.
EC20A1820401 ALPSALPINE-EC20A1820401 Datasheet
124Kb / 3P
20mm Size Metal Shaft Type EC20A Series
More results

Similar Description - EC20A_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
176Kb / 2P
9mm Size Metal Shaft Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
20mm Size Metal Shaft Magnetic Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
16mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
RK27 ALPS-RK27 Datasheet
260Kb / 6P
27mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
11mm Size Metal Shaft Magnetic Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com