Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VE Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F303VE
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VE Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F303VE Datasheet HTML 131Page - STMicroelectronics STM32F303VE Datasheet HTML 132Page - STMicroelectronics STM32F303VE Datasheet HTML 133Page - STMicroelectronics STM32F303VE Datasheet HTML 134Page - STMicroelectronics STM32F303VE Datasheet HTML 135Page - STMicroelectronics STM32F303VE Datasheet HTML 136Page - STMicroelectronics STM32F303VE Datasheet HTML 137Page - STMicroelectronics STM32F303VE Datasheet HTML 138Page - STMicroelectronics STM32F303VE Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 184 page
background image
DocID026415 Rev 4
135/184
STM32F303xD STM32F303xE
Electrical characteristics
161
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 73 for SPI or in Table 74 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 19.
Refer to Section 6.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 73. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode 2.7 V<VDD<3.6 V,
SPI1/4
--
24
MHz
Master mode 2 V<VDD<3.6 V,
SPI1/2/3/4
18
Slave mode 2 V<VDD<3.6 V,
SPI1/4
24
Slave mode 2 V<VDD<3.6 V,
SPI1/2/3/4
18
Slave mode transmitter/full duplex
2 V<VDD<3.6 V, SPI1/2/3/4
16.5(2)
Slave mode transmitter/full duplex
2.7 V<VDD<3.6 V, SPI1/4
22.5(2))
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
Data input setup time
Master mode
3
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
6.5
-
-
th(SI)
Slave mode
4.5
-
-
ta(SO)
Data output access time
Slave mode
10
-
30
tdis(SO)
Data output disable time
Slave mode
8
-
7
tv(SO)
Data output valid time
Slave mode 2.7 V<VDD<3.6 V
-
15
22
Slave mode 2 V<VDD<3.6 V
-
15
30
tv(MO)
Master mode
-
2
4.5
th(SO)
Data output hold time
Slave mode
9
-
-
th(MO)
Master mode
0
-
-
1. Data based on characterization results, not tested in production.
2. The maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into
SCK low or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a
master having tsu(MI) = 0 while Duty(SCK) = 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com