Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F746BE Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F746BE
Description  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746BE Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F746BE Datasheet HTML 114Page - STMicroelectronics STM32F746BE Datasheet HTML 115Page - STMicroelectronics STM32F746BE Datasheet HTML 116Page - STMicroelectronics STM32F746BE Datasheet HTML 117Page - STMicroelectronics STM32F746BE Datasheet HTML 118Page - STMicroelectronics STM32F746BE Datasheet HTML 119Page - STMicroelectronics STM32F746BE Datasheet HTML 120Page - STMicroelectronics STM32F746BE Datasheet HTML 121Page - STMicroelectronics STM32F746BE Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 227 page
background image
Electrical characteristics
STM32F745xx STM32F746xx
118/227
DocID027590 Rev 4
Table 35. Peripheral current consumption
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3
AHB1
(up to
216 MHz)
GPIOA
2.2
2.1
1.9
µA/MHz
GPIOB
2.1
1.8
1.7
GPIOC
2.3
2.0
1.9
GPIOD
2.2
1.9
1.8
GPIOE
2.2
1.9
1.8
GPIOF
2.2
1.9
1.8
GPIOG
2.1
1.8
1.7
GPIOH
2.0
1.7
1.7
GPIOI
2.3
2.0
1.7
GPIOJ
2.2
1.9
1.7
GPIOK
2.0
1.7
1.7
CRC
1.0
0.9
0.8
BKPSRAM
0.8
0.7
0.6
DMA1
2.7 x N + 5.1
2.6 x N + 4.7
2.2 x N + 4
DMA2
2.2 x N + 4.9
2.6 x N + 4.4
2.2 x N + 4.1
DMA2D
87.1
82.5
69.6
ETH_MAC
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
42.1
39.7
34.1
OTG_HS
57.5
54.4
47.6
OTG_HS+ULPI
AHB2
(up to
216 MHz)
DCMI
5.1
4.7
4.0
µA/MHz
RNG
2.8
2.4
2.3
USB_OTG_FS
31.8
29.9
25.8
AHB3
(up to
216 MHz)
FMC
18.9
17.7
15.2
µA/MHz
QSPI
23.2
21.8
18.5
Bus matrix(2)
21.06
20.3
17.2
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com