Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPA4263A Datasheet(PDF) 8 Page - RF Micro Devices

Part # QPA4263A
Description  CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPA4263A Datasheet(HTML) 8 Page - RF Micro Devices

  QPA4263A Datasheet HTML 1Page - RF Micro Devices QPA4263A Datasheet HTML 2Page - RF Micro Devices QPA4263A Datasheet HTML 3Page - RF Micro Devices QPA4263A Datasheet HTML 4Page - RF Micro Devices QPA4263A Datasheet HTML 5Page - RF Micro Devices QPA4263A Datasheet HTML 6Page - RF Micro Devices QPA4263A Datasheet HTML 7Page - RF Micro Devices QPA4263A Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Revision DS20160210
- 8 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
QPA4263A
RFMD + TriQuint = Qorvo
Preliminary
Package Outline (Dimensions in inches [millimeters])
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web:
www.rfmd.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
For information about the merger of RFMD and TriQuint as Qorvo:
Web:
www.qorvo.com
Important Notice
The information contained herein is believed to be reliable. RFMD makes no warranties regarding the information contained
herein. RFMD assumes no responsibility or liability whatsoever for any of the information contained herein. RFMD assumes
no responsibility or liability whatsoever for the use of the information contained herein. The information contained herein is
provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with the user.
All information contained herein is subject to change without notice. Customers should obtain and verify the latest relevant
information before placing orders for RFMD products. The information contained herein or any use of such information
does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether
with regard to such information itself or anything described by such information.
RFMD products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


Similar Part No. - QPA4263A

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA4263APCK401 QORVO-QPA4263APCK401 Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA4263ASQ QORVO-QPA4263ASQ Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA4263ASR QORVO-QPA4263ASR Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA4263ATR7 QORVO-QPA4263ATR7 Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results

Similar Description - QPA4263A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-2263 STANFORD-SGA-2263 Datasheet
390Kb / 5P
DC-5000MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com