Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877ATI/ML Datasheet(PDF) 221 Page - Microchip Technology

Part # PIC16F877ATI/ML
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877ATI/ML Datasheet(HTML) 221 Page - Microchip Technology

Back Button PIC16F877ATI/ML Datasheet HTML 217Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 218Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 219Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 220Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 221Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 222Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 223Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 224Page - Microchip Technology PIC16F877ATI/ML Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 219
PIC16F87XA
APPENDIX A:
REVISION HISTORY
Revision A (November 2001)
Original data sheet for PIC16F87XA devices. The
devices presented are enhanced versions of the
PIC16F87X
microcontrollers
discussed
in
the
“PIC16F87X Data Sheet” (DS30292).
Revision B (October 2003)
This revision includes the DC and AC Characteristics
Graphs and Tables. The Electrical Specifications in
Section 17.0 “Electrical Characteristics” have been
updated and there have been minor corrections to the
data sheet text.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices in this data sheet
are listed in Table B-1.
TABLE B-1:
DIFFERENCES BETWEEN DEVICES IN THE PIC16F87XA FAMILY
PIC16F873A
PIC16F874A
PIC16F876A
PIC16F877A
Flash Program Memory
(14-bit words)
4K
4K
8K
8K
Data Memory (bytes)
192
192
368
368
EEPROM Data Memory (bytes)
128
128
256
256
Interrupts
14
15
14
15
I/O Ports
Ports A, B, C
Ports A, B, C, D, E
Ports A, B, C
Ports A, B, C, D, E
Serial Communications
MSSP, USART
MSSP, USART
MSSP, USART
MSSP, USART
Parallel Slave Port
No
Yes
No
Yes
10-bit Analog-to-Digital Module
5 input channels
8 input channels
5 input channels
8 input channels
Packages
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin PLCC
44-pin TQFP
44-pin QFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin PLCC
44-pin TQFP
44-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com