Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBSV6-LED5 Datasheet(PDF) 104 Page - Lumberg

Part # ASBSV6-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 Datasheet(HTML) 104 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 100Page - Lumberg ASBSV6-LED5 Datasheet HTML 101Page - Lumberg ASBSV6-LED5 Datasheet HTML 102Page - Lumberg ASBSV6-LED5 Datasheet HTML 103Page - Lumberg ASBSV6-LED5 Datasheet HTML 104Page - Lumberg ASBSV6-LED5 Datasheet HTML 105Page - Lumberg ASBSV6-LED5 Datasheet HTML 106Page - Lumberg ASBSV6-LED5 Datasheet HTML 107Page - Lumberg ASBSV6-LED5 Datasheet HTML 108Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
104
AS-Interface
Accessories
0911 ANC 413 | 0911 ANC 415
AS-Interface Cable Connector, used for Distribution
of Connections or as Connector: Reusable Access
Technology to IEC 68 and DIN 41611, Hexagon Screw
in Stainless Steel, 4 poles. AS-Interface Connector
0911 ANC 415 is Included with the Delivered Product.
– especially designed for food and
beverage equipment –
Part No.
0911 ANC 413
0911 ANC 415
0913 ATL 003
0913 ATL 002/0,35 M
0913 ATL 004/1 M
0915 034 101/...M
0911 ANC 409
This AS-Interface Handheld Controller Serves to
Address the AS-Interface Sensors, Actuators and
Round Cable Modules. The Mechanical Connection is
Made by a Mating M12 Connector. AS-Interface Flat
Cable Modules are Connected Using the Addressing
Adaptor Type 0913 ATL 002/0.35 M. With this
Addressing Equipment, all Types of AS-Interface
Modules (Including Equipment with AS-Interface
Version 2.1) can be Addressed.
The Addressing Adaptor is able to Address the AS-
Interface Flat Cable Modules with Existing Handheld
Addressing Units, Length 0.35 M.
– suitable to addressing unit 0913 ATL 003 –
The Addressing Adaptor is able to Address the
AS-Interface Modules with Infrared Interface, Length
1.0 M.
– suitable to addressing unit 0913 ATL 003 –
AS-Interface Cordset, Eouble-Ended, M12 Male
Connector and M12 Female Connector with Self-
Locking Threaded Joint.
Terminal Sleeves for Flat Cable,
Packaging Unit: 10 Pieces.
Part No.
0913 ATL 003
Part No.
0913 ATL 002/0,35 M
Part No.
0913 ATL 004/1 M
Part No.
0913 ATL 002/0,35 M
Part No.
0911 ANC 409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com