Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMX320C2811PBKA Datasheet(PDF) 115 Page - Texas Instruments

Part # TMX320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 111Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 112Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 113Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 114Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 115Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 116Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 117Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 118Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
Electrical Specifications
115
June 2004
SPRS257
For the case where XCLKOUT = one-half XTIMCLK, the XCLKOUT edge with which the change will be aligned
can be determined based on the number of XTIMCLK cycles from the start of the access to the point at which
the signal changes. If this number of XTIMCLK cycles is even, the alignment will be with respect to the rising
edge of XCLKOUT. If this number is odd, then the signal will change with respect to the falling edge of
XCLKOUT. Examples include the following:
•
Strobes that change at the beginning of an access always align to the rising edge of XCLKOUT. This is
because all XINTF accesses begin with respect to the rising edge of XCLKOUT.
Examples:
XZCSL
Zone chip-select active low
XRNWL
XR/W active low
•
Strobes that change at the beginning of the active period will align to the rising edge of XCLKOUT if the
total number of lead XTIMCLK cycles for the access is even. If the number of lead XTIMCLK cycles is odd,
then the alignment will be with respect to the falling edge of XCLKOUT.
Examples:
XRDL
XRD active low
XWEL
XWE active low
•
Strobes that change at the beginning of the trail period will align to the rising edge of XCLKOUT if the total
number of lead + active XTIMCLK cycles (including hardware waitstates) for the access is even. If the
number of lead + active XTIMCLK cycles (including hardware waitstates) is odd, then the alignment will
be with respect to the falling edge of XCLKOUT.
Examples:
XRDH
XRD inactive high
XWEH
XWE inactive high
•
Strobes that change at the end of the access will align to the rising edge of XCLKOUT if the total number
of lead + active + trail XTIMCLK cycles (including hardware waitstates) is even. If the number of lead +
active + trail XTIMCLK cycles (including hardware waitstates) is odd, then the alignment will be with
respect to the falling edge of XCLKOUT.
Examples:
XZCSH
Zone chip-select inactive high
XRNWH
XR/W inactive high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com