Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4A Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4A
Description  Self-Healing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4A Datasheet(HTML) 1 Page - Kemet Corporation

  C4A Datasheet HTML 1Page - Kemet Corporation C4A Datasheet HTML 2Page - Kemet Corporation C4A Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

C4A
MKP Series
BOX CAPACITORS
PCB APPLICATIONS
General characteristics
- Self-Healing
- Low losses
- High ripple current
- High contact reliability
- Suitable for high frequency applications
Wire
Diameter
0.8 mm
20 AWG
1.2 mm
These two leads
16 AWG
joined together
13th digit code
1
3
TECHNICAL DATA
General technical data
VDE 0560 - IEC61071 - EN61071
Application class (DIN 40040)
GPD / LS
Temperature range (Case)
-40 to + 85 °C
Max permissible ambient temperature
+70 °C
Capacitance tolerance code (15th digit )
J = ± 5 % ; K = ± 10%
Peak non-repetitive max current
I
PKR x 1.5
Test voltage terminal to terminal U
TT
2 Un for 10 seconds
Test voltage terminal to case U
TC
3kV - 50Hz for 60 seconds
Dissipation factor (tgδ)
≤ 5 x 10-4 at 1 kHz and 20 °C
Permissible relative humidity
Annual average ≤ 95% on 30 days / year, continuously 100% on
other days occasionally 100%. Dewing not admissible
IEC climatic category
40 / 85 / 56 according to IEC 68-1
Capacitance deviation in the operating temperature
range of –40 to +85 °C
±1.5% max on capacitance value measured at +20 °C
Change of capacitance versus operating time
-3% after 30.000 hours at U
RMS or after 100.000 hours at Un
Case components
Solvent resistant plastic case with epoxy resin sealing.
Flame retardant execution (UL class 94 V0).
Terminals
Tinned copper 2 or 4 wires (See figure on top)
Installation
Whatever Position
Life Expectancy
≥ 30.000 hours at U
RMS; ≥ 100.000 hours at Un
Failure quota
300 / 109 components hour
L
P1±0.4
Ø d
B
L
B
P±0.4
P±0.4
Ø d


Similar Part No. - C4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4A03H ETC2-C4A03H Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU4680A1XJ KEMET-C4AEGBU4680A1XJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5100A1YJ KEMET-C4AEGBU5100A1YJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5125A11J KEMET-C4AEGBU5125A11J Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
More results

Similar Description - C4A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
Self-healing property
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
Optical Self-Healing Switch
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
GTO Clamping Capacitors, Self-healing, Segmented
Revision 14-Jan-02
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com