Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4A Datasheet(PDF) 2 Page - Kemet Corporation

Part # C4A
Description  Self-Healing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4A Datasheet(HTML) 2 Page - Kemet Corporation

  C4A Datasheet HTML 1Page - Kemet Corporation C4A Datasheet HTML 2Page - Kemet Corporation C4A Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

C4AS
MKP Series
BOX CAPACITORS
SNUBBER APPLICATIONS
PEAK VOLTAGE TABLE
Un
850 V
1000 V
1200 V
2000 V
3000 V
Û
MAX
1200 V
1300 V
1600 V
2400 V
3500 V
Code
C
Un
U
RMS
dv/dt I
PKR
ESR (mΩ)
max @ 100kHz
I
RMS (A)
100kHz @70°C
DIMENSIONS
mm
µF
Vdc
Vac V/µs
A
d=0.8
2 wires
d=1.2
2 wires
d=1.2
4 wires
d=0.8
2 wires
d=1.2
2 wires
d=1.2
4 wires
B
H
L
p
p1
C4ASMB_3150__A_
0.15
850
500
1232
185
14.3
13.6
-
8
8
-
10
20
32
27.5
-
C4ASMB_3220__B_
0.22
850
500
1232
271
10.2
9.5
-
9
10
-
13
22
32
27.5
-
C4ASMB_3330__C_ 0.33
850
500
1232
407
7.6
6.9
6.0
9
13
14
14
28
32
27.5 5.1
C4ASMB_3470__E_
0.47
850
500
1232
579
6.2
5.3
4.3
9
14
19
18
33
32
27.5 5.1
C4ASMB_3680__G_ 0.68
850
500
1232
838
5.2
4.2
3.1
9
14
25
22
37
32
27.5 10.2
C4ASMB_4100__F_
1
850
500
758
758
6.2
5.2
4.1
9
14
22
20
40
41.5 37.5 10.2
C4ASMB_4200__H_
2
850
500
758
1516
4.6
3.5
2.3
9
14
29
24
44
41.5 37.5 10.2
C4ASMB_4300__M_
3
850
500
469
1407
5.6
4.5
3.2
9
14
29
30
45
57.5 52.5 10.2
C4ASMB_4400__M_
4
850
500
469
1876
4.9
3.8
2.5
9
14
29
30
45
57.5 52.5 20.3
C4ASMB_4500__N_
5
850
500
469
2345
4.7
3.5
2.1
9
14
29
35
50
57.5 52.5 20.3
C4ASNB_3150__A_
0.15
1000
600
1344
202
13.3
12.7
-
8
8
-
10
20
32
27.5
-
C4ASNB_3220__B_
0.22
1000
600
1344
296
9.7
9.0
8.3
9
11
11
13
22
32
27.5 5.1
C4ASNB_3330__C_
0.33
1000
600
1344
444
7.3
6.5
5.6
9
14
15
14
28
32
27.5 5.1
C4ASNB_3470__E_
0.47
1000
600
1344
632
6.0
5.1
4.1
9
14
20
18
33
32
27.5 5.1
C4ASNB_3680__G_
0.68
1000
600
1344
914
5.0
4.0
3.0
9
14
25
22
37
32
27.5 10.2
C4ASNB_4100__F_
1
1000
600
827
827
5.9
5.0
3.9
9
14
22
20
40
41.5 37.5 10.2
C4ASNB_4150__J_
1.5
1000
600
827
1241
4.7
3.8
2.7
9
14
29
28
37
42.5 37.5 10.2
C4ASNB_4200__L_
2
1000
600
827
1654
4.5
3.4
2.2
9
14
29
30
45
42
37.5 20.3
C4ASNB_4220__L_
2.2
1000
600
827
1819
4.4
3.3
2.0
9
14
29
30
45
42
37.5 20.3
C4ASNB_4300__M_
3
1000
600
512
1536
5.4
4.3
3.0
9
14
29
30
45
57.5 52.5 20.3
C4ASNB_4400__N_
4
1000
600
512
2048
5.0
3.8
2.4
9
14
29
35
50
57.5 52.5 20.3
C4ASNB_4470__N_
4.7
1000
600
512
2406
4.7
3.5
2.1
9
14
29
35
50
57.5 52.5 20.3
C4ASPB_3100__A_
0.1
1200
630
1568
157
17.4
16.8
-
7
7
-
10
20
32
27.5
-
C4ASPB_3150__B_
0.15
1200
630
1568
235
12.2
11.6
-
9
10
-
13
22
32
27.5
-
C4ASPB_3220__C_
0.22
1200
630
1568
345
9.2
8.4
7.5
9
12
13
14
28
32
27.5 5.1
C4ASPB_3330__E_
0.33
1200
630
1568
517
7.0
6.1
5.1
9
14
18
18
33
32
27.5 5.1
C4ASPB_3470__G_
0.47
1200
630
1568
737
5.8
4.8
3.7
9
14
23
22
37
32
27.5 10.2
C4ASPB_3680__F_
0.68
1200
630
965
656
7.0
6.0
4.9
9
14
20
20
40
41.5 37.5 10.2
C4ASPB_4100__F_
1
1200
630
965
965
5.6
4.6
3.5
9
14
26
20
40
41.5 37.5 10.2
C4ASPB_4120__J_
1.2
1200
630
965
1158
5.0
4.0
2.9
9
14
28
28
37
42.5 37.5 10.2
C4ASPB_4200__M_
2
1200
630
598
1196
6.2
5.0
3.8
9
14
28
30
45
57.5 52.5 10.2
C4ASPB_4220__M_
2.2
1200
630
598
1316
5.9
4.7
3.5
9
14
29
30
45
57.5 52.5 10.2
C4ASPB_4250__M_
2.5
1200
630
598
1495
5.5
4.4
3.1
9
14
29
30
45
57.5 52.5 20.3
C4ASPB_4300__N_
3
1200
630
598
1794
5.3
4.1
2.7
9
14
29
35
50
57.5 52.5 20.3
C4ASPB_4350__N_
3.5
1200
630
598
2093
5.0
3.7
2.4
9
14
29
35
50
57.5 52.5 20.3
C4ASWB_2330__A_ 0.033
2000
700
2240
74
40.0
39.3
-
5
5
-
10
20
32
27.5
-
C4ASWB_2470__A_ 0.047
2000
700
2240
105
28.5
27.9
-
6
6
-
10
20
32
27.5
-
C4ASWB_2680__B_ 0.068
2000
700
2240
152
20.3
19.6
-
8
8
-
13
22
32
27.5
-
C4ASWB_3100__C_
0.1
2000
700
2240
224
14.6
13.8
13.0
9
10
11
14
28
32
27.5 5.1
C4ASWB_3150__E_ 0.15
2000
700
2240
336
10.7
9.8
8.8
9
14
15
18
33
32
27.5 5.1
C4ASWB_3220__E_ 0.22
2000
700
2240
493
8.0
7.1
6.1
9
14
17
18
33
32
27.5 10.2
C4ASWB_3330__F_ 0.33
2000
700
1380
455
9.4
8.5
7.4
9
14
16
20
40
41.5 37.5 10.2
C4ASWB_3680__H_ 0.68
2000
700
1380
937
6.1
5.0
3.8
9
14
25
24
44
41.5 37.5 10.2
C4ASWB_4100__M_
1
2000
700
850
850
7.7
6.6
5.3
9
14
24
30
45
57.5 52.5 10.2
C4ASWB_4150__N_
1.5
2000
700
850
1280
6.3
5.1
3.7
9
14
29
35
50
57.5 52.5 20.3
C4ASYB_2220__A_ 0.022
3000
750
3360
74
47.9
47.3
-
5
5
-
10
20
32
27.5
-
C4ASYB_2330__B_ 0.033
3000
750
3360
111
32.6
31.9
-
7
7
-
13
22
32
27.5
-
C4ASYB_2470__C_ 0.047
3000
750
3360
158
23.7
22.9
22.0
9
9
9
14
28
32
27.5 5.1
C4ASYB_2680__C_ 0.068
3000
750
3360
228
17.0
16.2
15.3
9
10
11
14
28
32
27.5 5.1
C4ASYB_3100__E_
0.1
3000
750
3360
336
12.4
11.5
10.5
9
13
15
18
33
32
27.5 10.2
C4ASYB_3150__G_
0.15
3000
750
3360
504
9.2
8.2
7.2
9
14
19
22
37
32
27.5 10.2
C4ASYB_3220__F_
0.22
3000
750
2070
455
10.5
9.4
8.2
9
14
18
20
40
41.5 37.5 10.2
C4ASYB_3330__H_
0.33
3000
750
2070
682
7.9
6.8
5.6
9
14
21
24
44
41.5 37.5 10.2
C4ASYB_3470__M_
0.47
3000
750
1280
601
10.1
9.0
7.7
9
14
20
30
45
57.5 52.5 10.2
C4ASYB_3820__N_
0.82
3000
750
1280
1050
7.2
6.0
4.6
9
14
27
35
50
57.5 52.5 20.3
GENERAL CHARACTERISTICS


Similar Part No. - C4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4A03H ETC2-C4A03H Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU4680A1XJ KEMET-C4AEGBU4680A1XJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5100A1YJ KEMET-C4AEGBU5100A1YJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5125A11J KEMET-C4AEGBU5125A11J Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
More results

Similar Description - C4A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
Self-healing property
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
Optical Self-Healing Switch
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
GTO Clamping Capacitors, Self-healing, Segmented
Revision 14-Jan-02
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com