Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4A Datasheet(PDF) 3 Page - Kemet Corporation

Part # C4A
Description  Self-Healing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4A Datasheet(HTML) 3 Page - Kemet Corporation

  C4A Datasheet HTML 1Page - Kemet Corporation C4A Datasheet HTML 2Page - Kemet Corporation C4A Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
PEAK VOLTAGE TABLE
Un
250 V
400 V
450 V
600 V
700 V
850 V
Û
MAX
400 V
600 V
660 V
800 V
1000 V
1200 V
C4AT
MKP Series
BOX CAPACITORS
SWITCHING APPLICATIONS
GENERAL CHARACTERISTICS
Code
C
Un
U
RMS
dv/dt I
PKR
ESR (mΩ)
max @ 100kHz
I
RMS (A)
100kHz @70°C
DIMENSIONS
mm
µF
Vdc
Vac
V/µs
A
d=0.8
2 wires
d=1.2
2 wires
d=1.2
4 wires
d=0.8
2 wires
d=1.2
2 wires
d=1.2
4 wires
B
H
L
p
p1
C4ATDB_4100__0_
1
250
160
30
30
23.3
22.6
-
5
5
-
10
20
32
27.5
-
C4ATDB_4220__0_
2.2
250
160
30
66
11.8
11.0
-
7
8
-
10
20
32
27.5
-
C4ATDB_4330__0_
3.3
250
160
30
99
8.7
7.8
-
7
10
-
13
22
32
27.5
-
C4ATDB_4500__0_
5
250
160
30
150
6.8
5.8
-
7
12
-
14
28
32
27.5
-
C4ATDB_5100__0_
10
250
160
30
300
5.2
4.0
3.1
7
12
20
18
33
32
27.5
10.2
C4ATDB_5200__0_
20
250
160
20
400
5.5
4.2
3.1
7
12
22
28
37
42.5 37.5
10.2
C4ATDB_5300__0_
30
250
160
20
600
5.3
3.7
2.6
7
12
22
30
45
42.5 37.5
20.3
C4ATDB_5400__0_
40
250
160
15
600
5.7
4.2
3.1
7
12
22
30
45
57.5 52.5
20.3
C4ATDB_5500__0_
50
250
160
15
750
5.7
4.1
2.8
7
12
22
35
50
57.5 52.5
20.3
C4ATDB_5600__0_
60
250
160
15
900
5.7
3.9
2.6
7
12
22
35
50
57.5 52.5
20.3
C4ATFB_4100__A_
1
400
250
74
74
10.8
10.2
-
8
8
-
10
20
32
27.5
-
C4ATFB_4150__A_
1.5
400
250
74
111
7.7
7.1
-
8
10
-
10
20
32
27.5
-
C4ATFB_4200__B_
2.0
400
250
74
148
6.3
5.6
-
9
11
-
13
22
32
27.5
-
C4ATFB_4330__C_
3.3
400
250
74
244
4.8
4.0
3.1
9
13
18
14
28
32
27.5
5.1
C4ATFB_4400__E_
4
400
250
74
296
4.5
3.6
2.6
9
14
21
18
33
32
27.5
10.2
C4ATFB_4500__E_
5
400
250
74
370
4.0
3.2
2.2
9
14
23
18
33
32
27.5
10.2
C4ATFB_4680__G_
6.8
400
250
74
504
3.8
2.8
1.7
9
14
25
22
37
32
27.5
10.2
C4ATFB_5100__F_
10
400
250
50
502
4.3
3.3
2.2
9
14
28
20
40
41.5 37.5
10.2
C4ATFB_5150__J_
15
400
250
50
753
4
2.9
1.7
9
14
25
28
37
42.5 37.5
10.2
C4ATFB_5200__L_
20
400
250
50
1004
3.7
2.6
1.4
9
14
29
30
45
42
37.5
20.3
C4ATFB_5250__M_
25
400
250
34
846
4.4
3.3
2.0
9
14
29
30
45
57.5 52.5
20.3
C4ATFB_5300__M_
30
400
250
34
1015
4.1
3.0
1.7
9
14
29
30
45
57.5 52.5
20.3
C4ATFB_5350__N_
35
400
250
34
1184
4.2
2.9
1.6
9
14
29
35
50
57.5 52.5
20.3
C4ATFB_5400__N_
40
400
250
34
1350
4.0
2.8
1.4
9
14
29
35
50
57.5 52.5
20.3
C4ATGB_4100__A_
1
450
275
82
82
10.0
9.4
-
8
8
-
10
20
32
27.5
-
C4ATGB_4330__E_
3.3
450
275
82
269
4.8
3.8
2.9
9
14
21
18
33
32
27.5
5.1
C4ATGB_4680__G_
6.8
450
275
82
554
3.6
2.7
1.6
9
14
29
22
37
32
27.5
10.2
C4ATGB_5100__F_
10
450
275
55
552
4.5
3.3
2.1
9
14
29
20
40
41.5 37.5
10.2
C4ATGB_5150__L_
15
450
275
55
828
3.9
2.8
1.6
9
14
29
30
45
42
37.5
20.3
C4ATGB_5200__M_
20
450
275
37
744
4.6
3.5
2.2
9
14
29
30
45
57.5 52.5
10.2
C4ATGB_5330__N_
33
450
275
37
1228
4.1
2.9
1.5
9
14
29
35
50
57.5 52.5
20.3
C4ATHB_3680__A_
0.68
600
350
104
70
11.5
10.9
-
8
8
-
10
20
32
27.5
-
C4ATHB_4100__B_
1
600
350
104
103
8.4
7.7
-
9
10
-
13
22
32
27.5
-
C4ATHB_4200__E_
2
600
350
104
207
5.6
4.7
3.7
9
14
18
18
33
32
27.5
5.1
C4ATHB_4220__E_
2.2
600
350
104
228
5.3
4.4
3.4
9
14
19
18
33
32
27.5
5.1
C4ATHB_4330__G_
3.3
600
350
104
342
4.4
3.5
2.4
9
14
25
22
37
32
27.5
10.2
C4ATHB_4470__F_
4.7
600
350
70
330
5.3
4.4
3.3
9
14
22
20
40
41.5 37.5
10.2
C4ATHB_4500__F_
5
600
350
70
351
5.2
4.2
3.1
9
14
22
20
40
41.5 37.5
10.2
C4ATHB_4680__J_
6.8
600
350
70
477
4.8
3.6
2.4
9
14
28
28
37
42
37.5
10.2
C4ATHB_4900__L_
9
600
350
70
632
4.3
3.2
1.9
9
14
29
30
45
42
37.5
20.3
C4ATHB_5100__L_
10
600
350
70
702
4.1
3.0
1.8
9
14
29
30
45
42
37.5
20.3
C4ATHB_5120__M_
12
600
350
47
568
5.2
4.0
2.8
9
14
29
30
45
57.5 52.5
10.2
C4ATHB_5200__N_
20
600
350
47
947
4.5
3.2
1.9
9
14
29
35
50
57.5 52.5
20.3
C4ATJB_3470__A_
0.47
700
400
119
55
14.3
13.6
-
7
7
-
10
20
32
27.5
-
C4ATJB_4100__D_
1
700
400
119
119
7.9
7.1
6.3
9
12
13
15
24.5 32
27.5
5.1
C4ATJB_4150__E_
1.5
700
400
119
178
6.2
5.3
4.3
9
14
17
18
33
32
27.5
5.1
C4ATJB_4220__E_
2.2
700
400
119
260
4.9
4.0
3.0
9
14
20
18
33
32
27.5
10.2
C4ATJB_4300__G_
3
700
400
119
355
4.4
3.4
2.3
9
14
25
22
37
32
27.5
10.2
C4ATJB_4500__L_
5
700
400
80
400
4.8
3.8
2.8
8
14
27
28
37
42.5 37.5
10.2
C4ATJB_4900__M_
9
700
400
54
487
5.6
4.5
3.2
9
14
29
30
45
57.5 52.5
10.2
C4ATJB_5100__M_
10
700
400
54
540
5.3
4.2
2.9
9
14
29
30
45
57.5 52.5
10.2
C4ATJB_5150__N_
15
700
400
54
811
4.7
3.5
2.1
9
14
29
35
50
57.5 52.5
20.3
C4ATMB_3220__A_
0.22
850
450
148
32.6
23.8
23.1
-
5
5
-
10
20
32
27.5
-
C4ATMB_3470__B_
0.47
850
450
148
69
12.1
11.4
-
8
8
-
13
22
32
27.5
-
C4ATMB_4100__E_
1
850
450
148
148
7.1
6.2
5.2
9
14
16
18
33
32
27.5
5.1
C4ATMB_4150__G_
1.5
850
450
148
222
5.6
4.7
3.6
9
14
21
22
37
32
27.5
10.2
C4ATMB_4330__J_
3.3
850
450
100
331
5.7
4.6
3.3
9
14
24
28
37
42.5 37.5
10.2
C4ATMB_4470__L_
4.7
850
450
100
471
4.8
3.7
2.5
9
14
29
30
45
42
37.5
20.3
C4ATMB_4680__M_
6.8
850
450
68
460
5.8
4.6
3.4
9
14
28
30
45
57.5 52.5
20.3
C4ATMB_5100__N_
10
850
450
68
676
5.1
3.8
2.5
9
14
29
35
50
57.5 52.5
20.3


Similar Part No. - C4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4A03H ETC2-C4A03H Datasheet
187Kb / 3P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU4680A1XJ KEMET-C4AEGBU4680A1XJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5100A1YJ KEMET-C4AEGBU5100A1YJ Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
C4AEGBU5125A11J KEMET-C4AEGBU5125A11J Datasheet
674Kb / 9P
Typical applications include DC filtering and energy storage.
More results

Similar Description - C4A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
Self-healing property
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
Optical Self-Healing Switch
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
logo
Vishay Siliconix
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
GTO Clamping Capacitors, Self-healing, Segmented
Revision 14-Jan-02
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com