Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTA6 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 111Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 112Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 113Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 114Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 115Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 116Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 117Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 118Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 190 page
background image
AECLKOUT
AARDY(A)
ASSERTED
DEASSERTED
Strobe
Hold = 2
Extended Strobe
Strobe
Setup = 2
8
9
6
5
7
7
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
A.
Polarity of the AARDY signal is programmable through the AP field of the EMIFA Async Wait Cycle Configuration
register (AWCC).
Figure 6-23. AARDY Timing
6.10.3.2 Programmable Synchronous Interface Timing
Table 6-46. Timing Requirements for Programmable Synchronous Interface Cycles for EMIFA Module
(see Figure 6-24)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
6
tsu(EDV-EKOH)
Setup time, read AEDx valid before AECLKOUT high
2
ns
7
th(EKOH-EDV)
Hold time, read AEDx valid after AECLKOUT high
1.5
ns
Table 6-47. Switching Characteristics Over Recommended Operating Conditions for Programmable
Synchronous Interface Cycles for EMIFA Module(1) (see Figure 6-24-Figure 6-26)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
1
td(EKOH-CEV)
Delay time, AECLKOUT high to ACEx valid
1.3
4.9
ns
2
td(EKOH-BEV)
Delay time, AECLKOUT high to ABEx valid
4.9
ns
3
td(EKOH-BEIV)
Delay time, AECLKOUT high to ABEx invalid
1.3
ns
4
td(EKOH-EAV)
Delay time, AECLKOUT high to AEAx valid
4.9
ns
5
td(EKOH-EAIV)
Delay time, AECLKOUT high to AEAx invalid
1.3
ns
8
td(EKOH-ADSV)
Delay time, AECLKOUT high to ASADS/ASRE valid
1.3
4.9
ns
9
td(EKOH-OEV)
Delay time, AECLKOUT high to AAOE/ASOE valid
1.3
4.9
ns
10
td(EKOH-EDV)
Delay time, AECLKOUT high to AEDx valid
4.9
ns
11
td(EKOH-EDIV)
Delay time, AECLKOUT high to AEDx invalid
1.3
ns
12
td(EKOH-WEV)
Delay time, AECLKOUT high to AAWE/ASWE valid
1.3
4.9
ns
(1)
The following parameters are programmable via the EMIFA CE Configuration registers (CEnCFG):
•
Read latency (R_LTNCY): 0-, 1-, 2-, or 3-cycle read latency
•
Write latency (W_LTNCY): 0-, 1-, 2-, or 3-cycle write latency
•
ACEx assertion length (CE_EXT): For standard SBSRAM or ZBT SRAM interface, ACEx goes inactive after the final command has
been issued (CE_EXT = 0). For synchronous FIFO interface with glue, ACEx is active when AAOE/ASOE is active (CE_EXT = 1).
•
Function of ASADS/ASRE (R_ENABLE): For standard SBSRAM or ZBT SRAM interface, ASADS/ASRE has deselect cycles
(R_ENABLE = 0). For FIFO interface, ASADS/ASRE has NO deselect cycles (R_ENABLE = 1).
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com