Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647CUTA6 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 127 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 123Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 124Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 125Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 126Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 127Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 128Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 129Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 130Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 190 page
background image
STCLK
2
3
1
4
4
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.12.3 VIC Electrical Data/Timing
6.12.3.1 STCLK Timing
Table 6-56. Timing Requirements for STCLK(1) (see Figure 6-32)
-720
-800
-900
NO.
UNIT
-1100
MIN
MAX
1
tc(STCLK)
Cycle time, STCLK
33.3
ns
2
tw(STCLKH)
Pulse duration, STCLK high
16
ns
3
tw(STCLKL)
Pulse duration, STCLK low
16
ns
4
tt(STCLK)
Transition time, STCLK
3
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
Figure 6-32. STCLK Timing
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
127
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com