Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6472ECTZ Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6472ECTZ
Description  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ Datasheet(HTML) 130 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 126Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 127Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 128Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 129Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 130Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 131Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 132Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 133Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
Table 7-5. EDMA3 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A0 04B4
Q2E13
EDMA Event Q2 Entry 13/Event Q2 Base
02A0 04B8
Q2E14
EDMA Event Q2 Entry 14/Event Q2 Base
02A0 04BC
Q2E15
EDMA Event Q2 Entry 15/Event Q2 Base
02A0 04C0
Q3E0
EDMA Event Q3 Entry 0/Event Q3 Base
02A0 04C4
Q3E1
EDMA Event Q3 Entry 1/Event Q3 Base
02A0 04C8
Q3E2
EDMA Event Q3 Entry 2/Event Q3 Base
02A0 04CC
Q3E3
EDMA Event Q3 Entry 3/Event Q3 Base
02A0 04D0
Q3E4
EDMA Event Q3 Entry 4/Event Q3 Base
02A0 04D4
Q3E5
EDMA Event Q3 Entry 5/Event Q3 Base
02A0 04D8
Q3E6
EDMA Event Q3 Entry 6/Event Q3 Base
02A0 04DC
Q3E7
EDMA Event Q3 Entry 7/Event Q3 Base
02A0 04E0
Q3E8
EDMA Event Q3 Entry 8/Event Q3 Base
02A0 04E4
Q3E9
EDMA Event Q3 Entry 9/Event Q3 Base
02A0 04E8
Q3E10
EDMA Event Q3 Entry 10/Event Q3 Base
02A0 04EC
Q3E11
EDMA Event Q3 Entry 11/Event Q3 Base
02A0 04F0
Q3E12
EDMA Event Q3 Entry 12/Event Q3 Base
02A0 04F4
Q3E13
EDMA Event Q3 Entry 13/Event Q3 Base
02A0 04F8
Q3E14
EDMA Event Q3 Entry 14/Event Q3 Base
02A0 04FC
Q3E15
EDMA Event Q3 Entry 15/Event Q3 Base
02A0 0500 - 02A0 05FC
-
Reserved
02A0 0600
QSTAT0
EDMA Queue 0 Status
02A0 0604
QSTAT1
EDMA Queue 1 Status
02A0 0608
QSTAT2
EDMA Queue 2 Status
02A0 060C
QSTAT3
EDMA Queue 3 Status
02A0 0610 - 02A0 061C
-
Reserved
02A0 0620
QWMTHRA
EDMA Queue Threshold A, for Q[3:0]
02A0 0624 - 02A0 063C
-
Reserved
02A0 0640
CCSTAT
Channel Controller Status
02A0 0644 - 02A0 07FC
-
Reserved
02A0 0800
MPFAR
Memory Protection Fault Address Register
02A0 0804
MPFSR
Memory Protection Fault Status Register
02A0 0808
MPFCR
Memory Protection Fault Command Register
02A0 080C
MPPA0
Memory Protection Page Attribute 0 Register
02A0 0810
MPPA1
Memory Protection Page Attribute 1 Register
02A0 0814
MPPA2
Memory Protection Page Attribute 2 Register
02A0 0818
MPPA3
Memory Protection Page Attribute 3 Register
02A0 081C
MPPA4
Memory Protection Page Attribute 4 Register
02A0 0820
MPPA5
Memory Protection Page Attribute 5 Register
02A0 0824
MPPA6
Memory Protection Page Attribute 6 Register
02A0 0828
MPPA7
Memory Protection Page Attribute 7 Register
02A0 082C - 02A0 09FC
-
Reserved
02A0 1000
ER (ERL)
EDMA Event Register
02A0 1004
ERH
EDMA Event Register High
02A0 1008
ECR
EDMA Event Clear Register
02A0 100C
ECRH
EDMA Event Clear Register High
02A0 1010
ESR
EDMA Event Set Register
02A0 1014
ESRH
EDMA Event Set Register High
130
C64x+ Peripheral Information and Electrical Specifications
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com