Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72561R9
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 168Page - STMicroelectronics ST72561R9 Datasheet HTML 169Page - STMicroelectronics ST72561R9 Datasheet HTML 170Page - STMicroelectronics ST72561R9 Datasheet HTML 171Page - STMicroelectronics ST72561R9 Datasheet HTML 172Page - STMicroelectronics ST72561R9 Datasheet HTML 173Page - STMicroelectronics ST72561R9 Datasheet HTML 174Page - STMicroelectronics ST72561R9 Datasheet HTML 175Page - STMicroelectronics ST72561R9 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 262 page
background image
ST72561
172/262
10.9 beCAN CONTROLLER (beCAN)
The beCAN controller (Basic Enhanced CAN), in-
terfaces the CAN network and supports the CAN
protocol version 2.0A and B. It has been designed
to manage high number of incoming messages ef-
ficiently with a minimum CPU load. It also meets
the priority requirements for transmit messages.
10.9.1 Main Features
s
Supports CAN protocol version 2.0 A, B Active
s
Bit rates up to 1Mbit/s
Transmission
s
Two transmit mailboxes
s
Configurable transmit priority
Reception
s
One receive FIFO with three stages
s
Six scalable filter banks
s
Identifier list feature
s
Configurable FIFO overrun
Management
s
Maskable interrupts
s
Software-efficient mailbox mapping at a unique
address space
10.9.2 General Description
In today’s CAN applications, the number of nodes
in a network is increasing and often several net-
works are linked together via gateways. Typically
the number of messages in the system (and thus
to be handled by each node) has significantly in-
creased. In addition to the application messages,
Network Management and Diagnostic messages
have been introduced.
– An enhanced filtering mechanism is required to
handle each type of message.
Furthermore, application tasks require more CPU
time, therefore real-time constraints caused by
message reception have to be reduced.
– A receive FIFO scheme allows the CPU to be
dedicated to application tasks for a long time pe-
riod without losing messages.
The standard HLP (Higher Layer Protocol) based
on standard CAN drivers requires an efficient in-
terface to the CAN controller.
– All mailboxes and registers are organized in 16-
byte pages mapped at the same address and se-
lected via a page select register.
Figure 94. CAN Network Topology
CAN
CAN
High
Low
CAN
CAN
Rx
Tx
CAN
Transceiver
CAN
Controller
ST9 MCU
CAN Bus
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com