Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST72561R9
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 201Page - STMicroelectronics ST72561R9 Datasheet HTML 202Page - STMicroelectronics ST72561R9 Datasheet HTML 203Page - STMicroelectronics ST72561R9 Datasheet HTML 204Page - STMicroelectronics ST72561R9 Datasheet HTML 205Page - STMicroelectronics ST72561R9 Datasheet HTML 206Page - STMicroelectronics ST72561R9 Datasheet HTML 207Page - STMicroelectronics ST72561R9 Datasheet HTML 208Page - STMicroelectronics ST72561R9 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 262 page
background image
ST72561
205/262
beCAN CONTROLLER (Cont’d)
CAN FILTER CONFIGURATION REG.1 (CFCR2)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = Reserved. Forced to 0 by hardware.
Bit 6:5 = FSC5[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
5.
Bit 4 = FACT5 Filter Active
The software sets this bit to activate filter 5. To
modify the Filter 5 registers (CF5R[0:7]) the
FACT5 bit must be cleared.
0: Filter 5 is not active
1: Filter 5 is active
Bit 3 = Reserved. Forced to 0 by hardware.
Bit 2:1 = FSC4[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
4.
Bit 0 = FACT4 Filter Active
The software sets this bit to activate Filter 4. To
modify the Filter 4 registers (CF4R[0:7]), the
FACT4 bit must be cleared.
0: Filter 4 is not active
1: Filter 4 is active
CAN FILTER MODE REGISTER (CFMR0)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FMH3 Filter Mode High
Mode of the high registers of Filter 3.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 6 = FML3 Filter Mode Low
Mode of the low registers of Filter 3.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 5 = FMH2 Filter Mode High
Mode of the high registers of Filter 2.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 4 = FML2 Filter Mode Low
Mode of the low registers of Filter 2.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 3 = FMH1 Filter Mode High
Mode of the high registers of Filter 1.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 2 = FML1 Filter Mode Low
Mode of the low registers of filter 1.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
Bit 1 = FMH0 Filter Mode High
Mode of the high registers of filter 0.
0: High registers are in mask mode
1: High registers are in identifier list mode
Bit 0 = FML0 Filter Mode Low
Mode of the low registers of filter 0.
0: Low registers are in mask mode
1: Low registers are in identifier list mode
70
0
FSC51 FSC50 FACT5
0
FSC41 FSC40 FACT4
70
FMH3
FML3
FMH2
FML2
FMH1
FML1
FMH0
FML0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com