Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92185B2T1 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 110Page - STMicroelectronics ST92185B2T1 Datasheet HTML 111Page - STMicroelectronics ST92185B2T1 Datasheet HTML 112Page - STMicroelectronics ST92185B2T1 Datasheet HTML 113Page - STMicroelectronics ST92185B2T1 Datasheet HTML 114Page - STMicroelectronics ST92185B2T1 Datasheet HTML 115Page - STMicroelectronics ST92185B2T1 Datasheet HTML 116Page - STMicroelectronics ST92185B2T1 Datasheet HTML 117Page - STMicroelectronics ST92185B2T1 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 178 page
background image
114/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6.4 Building a Parallel Mode, 40 Char, Line
mode Display
Half-Page Location:
The pair of adjacent 0.5 Kbyte blocks of half page
content is stored in the TDSRAM location pointed
to by the PG3..PG0 bits. One block contains the
characters, the other block contains the attribute
bytes.
Header & Status Rows Location:
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits.
The Header/Status attributes are stored in this
block at offset 80h.
The Row attribute (row count) is stored in this
block at offset 100h and contains 12 bytes for line
mode (see DCM1R register description).
Row Scrolling Buffer Location:
The scrolling buffer corresponds to the Row 12
when the scrolling feature is used (in this case 11
rows are scrolled).
Figure 74. Parallel (40 Characters) Line Mode Mapping
See Figure 22 for Address Values
Resolution 1K bytes
See Figure 21 for Address Values
0.5K TDSRAM
Header Char.
Resolution 0.5K bytes
Status Row 0
Status Row 1
Free Space
Header Attr.
Status Row 0
Status Row 1
Free Space
Free Space
Row Attr.
80h
100h
0.5K TDSRAM
0.5K TDSRAM
Row 1 Attr.
Row 11 Attr.
Free Space
Row 12/Scrolling Buffer
Row 1 Char.
Row 11 Char.
Free Space
Row 12/Scrolling Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com