Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92185B3T1 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST92185B3T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3T1 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST92185B3T1 Datasheet HTML 105Page - STMicroelectronics ST92185B3T1 Datasheet HTML 106Page - STMicroelectronics ST92185B3T1 Datasheet HTML 107Page - STMicroelectronics ST92185B3T1 Datasheet HTML 108Page - STMicroelectronics ST92185B3T1 Datasheet HTML 109Page - STMicroelectronics ST92185B3T1 Datasheet HTML 110Page - STMicroelectronics ST92185B3T1 Datasheet HTML 111Page - STMicroelectronics ST92185B3T1 Datasheet HTML 112Page - STMicroelectronics ST92185B3T1 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 178 page
background image
109/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.10 Attribute Rules
The default colors for foreground and background
are defined through the register DCR R240 (F0h)
Page 33.
A display defined in parallel mode can accept a se-
rial color attribute, and propagation is available un-
til a new color attribute (serial or parallel) is en-
countered.
s
Rule for Shape Attributes:
– In parallel mode, shape attributes are not
propagated on the following characters of the
row except if this character has a colour at-
tribute. The propagation lasts as long as a co-
lour attribute is applied to a character.
– In parallel mode, the double height (bit 2 of the
shape attribute) is active only on its own char-
acter. Setting one double height attribute does
not cover the following characters of the row
(different from double height in serial mode).
Figure 68. Rule for Serial and Parallel Color
Combination
Highest priority
defined in TDSRAM
defined in TDSRAM
defined in page register
Lowest priority
PARALLEL COLOR
SERIAL COLOR
DEFAULT COLOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com