Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1211 Datasheet(PDF) 101 Page - Texas Instruments

Part # MSC1211
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1211 Datasheet(HTML) 101 Page - Texas Instruments

Back Button MSC1211 Datasheet HTML 97Page - Texas Instruments MSC1211 Datasheet HTML 98Page - Texas Instruments MSC1211 Datasheet HTML 99Page - Texas Instruments MSC1211 Datasheet HTML 100Page - Texas Instruments MSC1211 Datasheet HTML 101Page - Texas Instruments MSC1211 Datasheet HTML 102Page - Texas Instruments MSC1211 Datasheet HTML 103Page - Texas Instruments MSC1211 Datasheet HTML 104Page - Texas Instruments MSC1211 Datasheet HTML 105Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
101
One Millisecond Timer High Byte (MSECH)
7
6
5
4
3
2
1
0
Reset Value
SFR FDh
MSECH7
MSECH6
MSECH5
MSECH4
MSECH3
MSECH2
MSECH1
MSECH0
0Fh
MSECH7−0 One Millisecond Timer High Byte. This value in combination with the previous register is used to create a 1ms clock.
bits 7−0
1ms = (MSECH
• 256 + MSECL + 1) • tCLK.
One Hundred Millisecond Timer (HMSEC)
7
6
5
4
3
2
1
0
Reset Value
SFR FEh
WRT
HMSEC6
HMSEC5
HMSEC4
HMSEC3
HMSEC2
HMSEC1
HMSEC0
63h
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished. Read = 0.
bit 7
0 = Delay Write Operation. The MSINT value is loaded when the current count expires.
1 = Write Immediately. The MSINT counter is loaded once the CPU completes the write operation.
HMSEC6−0 One Hundred Millisecond. This clock divides the 1ms clock to create a 100ms clock.
bits 6−0
100ms = (MSECH
• 256 + MSECL + 1) • (HMSEC + 1) • tCLK.
Watchdog Timer (WDTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR FFh
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h
EWDT
Enable Watchdog (R/W).
bit 7
Write 1/Write 0 sequence sets the Watchdog Enable Counting bit.
DWDT
Disable Watchdog (R/W).
bit 6
Write 1/Write 0 sequence clears the Watchdog Enable Counting bit.
RWDT
Reset Watchdog (R/W).
bit 5
Write 1/Write 0 sequence restarts the Watchdog Counter.
WDCNT4−0 Watchdog Count (R/W).
bits 4−0
Watchdog expires in (WDCNT + 1)
• HMSEC to (WDCNT + 2) • HMSEC, if the sequence is not asserted. There is
an uncertainty of 1 count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com