Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCS1003-2 Datasheet(PDF) 135 Page - Microchip Technology

Part # UCS1003-2
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-2 Datasheet(HTML) 135 Page - Microchip Technology

Back Button UCS1003-2 Datasheet HTML 130Page - Microchip Technology UCS1003-2 Datasheet HTML 131Page - Microchip Technology UCS1003-2 Datasheet HTML 132Page - Microchip Technology UCS1003-2 Datasheet HTML 133Page - Microchip Technology UCS1003-2 Datasheet HTML 134Page - Microchip Technology UCS1003-2 Datasheet HTML 135Page - Microchip Technology UCS1003-2 Datasheet HTML 136Page - Microchip Technology UCS1003-2 Datasheet HTML 137Page - Microchip Technology UCS1003-2 Datasheet HTML 138Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 135
UCS1003-1/2/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UCS1003-1:
USB Port Power Controller with Charger
Emulation
UCS1003-2:
USB Port Power Controller with Charger
Emulation
UCS1003-3:
USB Port Power Controller with Charger
Emulation
Package:
BP
= 20-pin, QFN Lead-Free ROHS Compliant Package
Tape and Reel Option:
Blank = Standard packaging (tube or tray)
TR
= Tape and Reel(1)
Examples:
a) UCS1003-1-BP:
20-pin 4x4 QFN Lead-Free
ROHS Compliant Package.
b) UCS1003-1-BP-TR:
20-pin 4x4 QFN Lead-Free
ROHS Compliant Package,
Tape and Reel.
PART NO.
Device
-XX
Package
[X](1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com