Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2644 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2644
Description  2.4GHz SiGe, High IP3 Low-Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2644 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2644 Datasheet HTML 1Page - Maxim Integrated Products MAX2644 Datasheet HTML 2Page - Maxim Integrated Products MAX2644 Datasheet HTML 3Page - Maxim Integrated Products MAX2644 Datasheet HTML 4Page - Maxim Integrated Products MAX2644 Datasheet HTML 5Page - Maxim Integrated Products MAX2644 Datasheet HTML 6Page - Maxim Integrated Products MAX2644 Datasheet HTML 7Page - Maxim Integrated Products MAX2644 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2.4GHz SiGe,
High IP3 Low-Noise Amplifier
4
_______________________________________________________________________________________
Pin Description
PIN
NAME
DESCRIPTION
1
BIAS
Resistor Bias Control. Connect a resistor, RBIAS, from BIAS to ground. RBIAS sets IP3 and supply
current. The current through this pin is approximately 60mV divided by RBIAS (see Applications
Information).
2, 5
GND
Ground. For optimum performance, provide a low-inductance connection to the ground plane.
3
RFIN
Amplifier Input. AC-couple to this pin with a DC blocking capacitor. External matching network is
required for optimum performance.
4VCC
Supply Voltage. Bypass with a capacitor directly to ground at the supply pin. Refer to VCC Line
Bypassing section for more information.
6
RFOUT
Amplifier Output. AC-coupled internally.
Typical Operating Characteristics (continued)
(PRFIN = -30dBm, ZS = ZL = 50
Ω, VCC = +3.0V, fRFIN = 2450MHz, RBIAS = 1.2kΩ, TA = +25°C, unless otherwise noted.)
-20
-10
-15
0
-5
5
10
-30
-20
-15
-25
-10
-5
0
OUTPUT POWER vs. INPUT POWER
INPUT POWER (dBm)
RBIAS = 750
RBIAS = 1.2k
RBIAS = 3.9k
IIP3 vs. RBIAS
-9
-8
-6
-7
-3
-2
-4
-5
-1
0.5
1.5
2.0
1.0
2.5
3.0
3.5
4.0
RBIAS (k
Ω)
TA = +85
°C
TA = +25
°C
TA = -40
°C
INPUT P1dB vs. RBIAS
-19
-18
-16
-17
-13
-12
-14
-15
-11
0.5
1.5
2.0
1.0
2.5
3.0
3.5
4.0
RBIAS (k
Ω)
TA = +85
°C
TA = -40
°C
TA = +25
°C
U1
MAX2644
SMA
RFIN
SMA
RFOUT
C1
33pF
L1
3.3nH
3
2
1
R1
1.2k
6
5
4
VCC
GND
C3
2.2pF
Length = 400mils
C2
33pF
VCC
GND
RFIN
GND
RFOUT
BIAS
GAIN: 17dB
IIP3: -3dBm
Figure 1. High Gain Design


Similar Part No. - MAX2644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
MAX2644 MAXIM-MAX2644 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644EVKIT MAXIM-MAX2644EVKIT Datasheet
119Kb / 3P
Evaluation Kit
Rev 0; 3/01
MAX2644EXT-T MAXIM-MAX2644EXT-T Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
More results

Similar Description - MAX2644

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642 Datasheet
238Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
19-1682; Rev 0; 4/00
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com