Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L041C4 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L041C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC, AES
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L041C4 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L041C4 Datasheet HTML 111Page - STMicroelectronics STM32L041C4 Datasheet HTML 112Page - STMicroelectronics STM32L041C4 Datasheet HTML 113Page - STMicroelectronics STM32L041C4 Datasheet HTML 114Page - STMicroelectronics STM32L041C4 Datasheet HTML 115Page - STMicroelectronics STM32L041C4 Datasheet HTML 116Page - STMicroelectronics STM32L041C4 Datasheet HTML 117Page - STMicroelectronics STM32L041C4 Datasheet HTML 118Page - STMicroelectronics STM32L041C4 Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 119 page
background image
Revision history
STM32L041x4/6
118/119
DocID027301 Rev 4
12-Apr-2016
3
Features:
– Change minimum comparator supply voltage to 1.65 V.
– Updated current consumptions in Standby, Stop and Stop with
RTC ON modes.
Removed note related to preliminary consumption values in
Table 5: Functionalities depending on the working mode (from
Run/active down to standby).
Added number of fast and standard channels in Section 3.10:
Analog-to-digital converter (ADC).
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.16.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.16.3: Low-power universal
asynchronous receiver transmitter (LPUART).
Changed VDDA minimum value to 1.65 V in Table 20: General
operating conditions.
Added IREFINT value for VDD=1.8 V in Table 35: Peripheral
current consumption in Stop and Standby mode.
Section 6.3.15: 12-bit ADC characteristics:
– Table 57: ADC characteristics:
Distinction made between VDDA for fast and standard
channels; added note 1.
Added note 4. related to RADC.
Updated tS and tCONV.
– Updated Table 58: RAIN max for fADC = 16 MHz for fADC =
16 MHz and distinction made between fast and standard
channels.
Added Table 66: USART/LPUART characteristics.
01-Dec-2016
4
Added STM32L041E6 part number.
Added reference to optional marking or inset/upset marks in all
package device marking sections.
Removed note related to WLCSP25 preliminary ballout in
Table 15: Pin definitions. Changed aaa, bbb, ccc, ddd and eee
data from minimum to maximum values in Table 74: WLCSP25 -
2.097 x 2.493 mm, 0.400 mm pitch wafer level chip scale
mechanical data.
Added LQFP48 device marking, LQFP32 device marking,
UFQFPN28 device marking and TSSOP20 device marking.
Table 79. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com