Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L052T8 Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32L052T8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052T8 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32L052T8 Datasheet HTML 128Page - STMicroelectronics STM32L052T8 Datasheet HTML 129Page - STMicroelectronics STM32L052T8 Datasheet HTML 130Page - STMicroelectronics STM32L052T8 Datasheet HTML 131Page - STMicroelectronics STM32L052T8 Datasheet HTML 132Page - STMicroelectronics STM32L052T8 Datasheet HTML 133Page - STMicroelectronics STM32L052T8 Datasheet HTML 134Page - STMicroelectronics STM32L052T8 Datasheet HTML 135Page - STMicroelectronics STM32L052T8 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
Revision history
STM32L052x6 STM32L052x8
134/136
DocID025936 Rev 6
23-Jul-2015
5
Updated all pinout/ballout schematics except for LQFP32 to highlight
pin/ball supplied through VDD_USB.
Updated Table 16: STM32L052x6/8 pin definitions PC5 as FT pin.
Updated Figure 5: STM32L052x6/8 LQFP48 pinout - 7 x 7 mm,
Figure 3: STM32L052x6/8 LQFP64 pinout - 10 x 10 mm and Figure 4:
STM32L052x6/8 TFBGA64 ballout - 5x 5 mm.
Updated Figure 52, Figure 55, Figure 47, Figure 41 and Figure 44
device marking example.
Updated current consumption in Run mode in Section : Features.
ADC no more available in Low-power run and Low-power Sleep modes
in Table 5: Functionalities depending on the working mode (from
Run/active down to standby).
Updated ES disclaimer.
Added CSP outline.
Updated Table 22: Voltage characteristics adding VDDA-VDDX
variations and adding note 3.
Renamed BOOT1 into nBOOT1.
Added tUP_LDO in Table 63: ADC characteristics.
Updated LQFP32 pinout (PC14).
Updated MSI oscillator temperature frequency drift in Table MSI
oscillator characteristics.
Added note related to Standby mode in table Peripheral current
consumption in Stop /standby.
Updated Section 1: Introduction packages from 32 pins to 64 pins.
I2C interface characteristics: updated introduction and characteristics
table.
Changed USARTx_RTS into USARTx_RTS_DE and LPUARTx_RTS
into LPUARTx_RTS_DE.
Changed temperature condition in Table 8: Internal voltage reference
measured values and Table 27: Embedded internal reference voltage
calibration values.
Updated TCoeff in Table 28: Embedded internal reference voltage.
Updated Figure 16: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-
power run mode, code running from RAM, Range 3, MSI (Range 0) at
64 KHz, 0 WS, Figure 17: IDD vs VDD, at TA= 25/55/ 85/105/125 °C,
Stop mode with RTC enabled and running on LSE Low drive and
Figure 18: IDD vs VDD, at TA= 25/55/85/105/125 °C, Stop mode with
RTC disabled, all clocks off.
Updated Table 14: SPI/I2S implementation removing Rx/Tx FIFO and
NSS pulse mode rows.
Updated Ilkg in Table 59: I/O static characteristics.
Updated VDD_USB in Table 25: General operating conditions.
Updated Table 2: Ultra-low-power STM32L052x6/x8 device features
and peripheral counts 2 comparators for all devices.
Updated Table 16: STM32L052x6/8 pin definitions VDD and VDD_USB
connected to respectively E5 and E6.
Updated Table 54: EMS characteristics LQFP64 conditions and
level/class 3B.
Table 91. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com