Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F437VI Datasheet(PDF) 238 Page - STMicroelectronics

Part # STM32F437VI
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, crypto, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera&LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F437VI Datasheet(HTML) 238 Page - STMicroelectronics

Back Button STM32F437VI Datasheet HTML 232Page - STMicroelectronics STM32F437VI Datasheet HTML 233Page - STMicroelectronics STM32F437VI Datasheet HTML 234Page - STMicroelectronics STM32F437VI Datasheet HTML 235Page - STMicroelectronics STM32F437VI Datasheet HTML 236Page - STMicroelectronics STM32F437VI Datasheet HTML 237Page - STMicroelectronics STM32F437VI Datasheet HTML 238Page - STMicroelectronics STM32F437VI Datasheet HTML 239Page - STMicroelectronics STM32F437VI Datasheet HTML 240Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 238 / 240 page
background image
Revision history
STM32F437xx and STM32F439xx
238/240
DocID024244 Rev 10
28-Sep-2015
7
Updated notes related to the minimum and maximum values
guaranteed by design, characterization or test in production.
Updated IDD_STOP_UDM in Table 27: Typical and maximum current
consumptions in Stop mode.
Removed note related to tests in production in Table 24: Typical and
maximum current consumption in Run mode, code with data
processing running from Flash memory (ART accelerator enabled
except prefetch) or RAM and Table 26: Typical and maximum current
consumption in Sleep mode.
Updated Table 41: HSI oscillator characteristics. Figure 31 renamed
ACCHSI accuracy versus temperature and updated.
Updated Figure 38: SPI timing diagram - slave mode and CPHA = 0.
Updated Section : Ethernet characteristics.
Updated Table 43: Main PLL characteristics, Table 44: PLLI2S (audio
PLL) characteristics and Table 45: PLLISAI (audio and LCD-TFT PLL)
characteristics.
Removed note 1 in Table 75: ADC static accuracy at fADC = 18 MHz,
Table 76: ADC static accuracy at fADC = 30 MHz and Table 77: ADC
static accuracy at fADC = 36 MHz.
Updated td(SDCLKL _Data) and th(SDCLKL _Data) in Table 104: SDRAM
write timings.
Updated note below marking schematics.
Added Figure 96: UFBGA169 - 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra
fine pitch ball grid array recommended footprint and Table 117:
UFBGA169 recommended PCB design rules (0.5 mm pitch BGA).
Added Figure 99: UFBGA176+25-ball, 10 x 10 mm, 0.65 mm pitch,
ultra fine pitch ball grid array package recommended footprint and
Table 119: UFBGA176+25 recommended PCB design rules (0.65 mm
pitch BGA).
30-Nov-2015
8
Updated |VSSX −VSS| in Table 14: Voltage characteristics to add VREF-.
Updated td(TXEN) and td(TXD) minimum value in Table 72: Dynamics
characteristics: Ethernet MAC signals for RMII and Table 73: Dynamics
characteristics: Ethernet MAC signals for MII.
Added VREF- in Table 74: ADC characteristics.
Added A1 minimum and maximum values in Table 111: WLCSP143 -
143-ball, 4.521x 5.547 mm, 0.4 mm pitch wafer level chip scale
package mechanical data.
Updated Figure 86: LQFP144-144-pin, 20 x 20 mm low-profile quad
flat package outline.Updated Figure 98: UFBGA176+25 - ball 10 x
10 mm, 0.65 mm pitch ultra thin fine pitch ball grid array package
outline and Table 118: UFBGA176+25 - ball, 10 x 10 mm, 0.65 mm
pitch, ultra fine pitch ball grid array package mechanical data.
Updated Figure 101: TFBGA216 - 216 ball 13 × 13 mm 0.8 mm pitch
thin fine pitch ball grid array package outline and Table 120:
TFBGA216 - 216 ball 13 × 13 mm 0.8 mm pitch thin fine pitch ball grid
array package mechanical data.
Table 124. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com