Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F469IG Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32F469IG
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469IG Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32F469IG Datasheet HTML 137Page - STMicroelectronics STM32F469IG Datasheet HTML 138Page - STMicroelectronics STM32F469IG Datasheet HTML 139Page - STMicroelectronics STM32F469IG Datasheet HTML 140Page - STMicroelectronics STM32F469IG Datasheet HTML 141Page - STMicroelectronics STM32F469IG Datasheet HTML 142Page - STMicroelectronics STM32F469IG Datasheet HTML 143Page - STMicroelectronics STM32F469IG Datasheet HTML 144Page - STMicroelectronics STM32F469IG Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 217 page
background image
DocID028196 Rev 3
141/217
STM32F469xx
Electrical characteristics
190
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 64 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.20 for more details on the input/output alternate function characteristics
(NSS, SCK, MOSI, MISO for SPI).
1. Guaranteed based on test during characterization.
2. Spikes with widths below tAF(min) are filtered.
3. Spikes with widths above tAF(max) are not filtered
Table 64. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode, 2.7 V≤VDD≤3.6 V,
SPI1,4,5,6,
--
45
MHz
Master mode, 1.71 V≤VDD≤3.6 V,
SPI1,4,5,6
-
-
22.5(2)
Master transmitter mode,
1.7 V≤VDD≤3.6 V, SPI1,4,5,6
--
45
Slave full duplex mode,
2.7 V≤VDD≤3.6 V, SPI1,4,5,6
-
-
22.5
Slave transmitter mode,
1.71 V≤VDD≤3.6 V, SPI1,4,5,6
--
33
Slave transmitter mode,
2.7 V≤VDD≤3.6 V, SPI1,4,5,6
--
45
Slave mode, 1.71 V≤VDD≤3.6 V,
SPI2,3
-
-
22.5
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com