Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F469IG Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32F469IG
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469IG Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32F469IG Datasheet HTML 181Page - STMicroelectronics STM32F469IG Datasheet HTML 182Page - STMicroelectronics STM32F469IG Datasheet HTML 183Page - STMicroelectronics STM32F469IG Datasheet HTML 184Page - STMicroelectronics STM32F469IG Datasheet HTML 185Page - STMicroelectronics STM32F469IG Datasheet HTML 186Page - STMicroelectronics STM32F469IG Datasheet HTML 187Page - STMicroelectronics STM32F469IG Datasheet HTML 188Page - STMicroelectronics STM32F469IG Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 217 page
background image
DocID028196 Rev 3
185/217
STM32F469xx
Electrical characteristics
190
Figure 74. Quad-SPI DDR timing diagram
5.3.31
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 108 for DCMI are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 17, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data formats: 14 bits
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Table 107. Quad-SPI characteristics in DDR mode(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Fck
1/t(CK)
Quad-SPI clock frequency
2.7 V ≤ VDD ≤ 3.6 V,
CL = 20 pF
--
80
MHz
1.71 V ≤ VDD ≤ 3.6 V,
CL = 15 pF
--
70
tw(CKH)
Quad-SPI clock high time
‐
t(CK)/2-1
-
t(CK)/2
ns
tw(CKL)
Quad-SPI clock low time
-
t(CK)/2
-
t(CK)/2+1
tsr(IN)
tsf(IN)
Data input set-up time
2.7 V ≤ VDD ≤ 3.6 V
2
-
-
1.71 V ≤ VDD ≤ 3.6 V
0.5
-
-
thr(IN)
thf(IN)
Data input hold time
2.7 V ≤ VDD ≤ 3.6 V
3
-
-
1.71 V ≤ VDD ≤ 3.6 V
4.5
-
-
tvr(OUT)
tvf(OUT)
Data output valid time
DHHC=0
-
8
10.5
DHHC=1
Pres=1,2…
-Thclk/2+2 Thclk/2+2.5
th(OUT)
tf(OUT)
Data output hold time
DHHC=0
7
-
-
DHHC=1
Pres=1,2…
Thclk/2+0.5
-
-
1. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com