Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F756ZG Datasheet(PDF) 176 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 172Page - STMicroelectronics STM32F756ZG Datasheet HTML 173Page - STMicroelectronics STM32F756ZG Datasheet HTML 174Page - STMicroelectronics STM32F756ZG Datasheet HTML 175Page - STMicroelectronics STM32F756ZG Datasheet HTML 176Page - STMicroelectronics STM32F756ZG Datasheet HTML 177Page - STMicroelectronics STM32F756ZG Datasheet HTML 178Page - STMicroelectronics STM32F756ZG Datasheet HTML 179Page - STMicroelectronics STM32F756ZG Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 228 page
background image
Electrical characteristics
STM32F756xx
176/228
DocID027589 Rev 4
Figure 61. Asynchronous multiplexed PSRAM/NOR write waveforms
Table 94. Asynchronous multiplexed PSRAM/NOR write timings(1)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4THCLK−0.5 4THCLK+1.5
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
THCLK−1THCLK+0.5
tw(NWE)
FMC_NWE low time
2THCLK−0.5 2THCLK+0.5
th(NE_NWE)
FMC_NWE high to FMC_NE high hold time
THCLK
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
0
0.5
tw(NADV)
FMC_NADV low time
THCLK−0.5
THCLK+ 1.5
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high)
THCLK−2-
th(A_NWE)
Address hold time after FMC_NWE high
THCLK
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
THCLK−2-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0
tv(Data_NADV)
FMC_NADV high to Data valid
-
THCLK +2
th(Data_NWE)
Data hold time after FMC_NWE high
THCLK +0.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com