Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F756NG Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32F756NG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756NG Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32F756NG Datasheet HTML 183Page - STMicroelectronics STM32F756NG Datasheet HTML 184Page - STMicroelectronics STM32F756NG Datasheet HTML 185Page - STMicroelectronics STM32F756NG Datasheet HTML 186Page - STMicroelectronics STM32F756NG Datasheet HTML 187Page - STMicroelectronics STM32F756NG Datasheet HTML 188Page - STMicroelectronics STM32F756NG Datasheet HTML 189Page - STMicroelectronics STM32F756NG Datasheet HTML 190Page - STMicroelectronics STM32F756NG Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 228 page
background image
DocID027589 Rev 4
187/228
STM32F756xx
Electrical characteristics
196
SDRAM waveforms and timings
•
CL = 30 pF on data and address lines. CL = 10 pF on FMC_SDCLK unless otherwise
specified.
In all timing tables, the THCLK is the HCLK clock period.
–
For 3.0 V
≤VDD≤3.6 V, maximum FMC_SDCLK= 100 MHz at CL=20 pF (on
FMC_SDCLK).
–
For 2.7 V
≤VDD≤3.6 V, maximum FMC_SDCLK = 90 MHz at CL=30 pF (on
FMC_SDCLK).
–
For 1.71 V
≤VDD<1.9 V, maximum FMC_SDCLK = 70 MHz at CL=10 pF (on
FMC_SDCLK).
Figure 70. SDRAM read access waveforms (CL = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com