Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F575CPMC Datasheet(PDF) 153 Page - Cypress Semiconductor

Part # MB91F575CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F575CPMC Datasheet(HTML) 153 Page - Cypress Semiconductor

Back Button MB91F575CPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 154Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 155Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 156Page - Cypress Semiconductor MB91F575CPMC Datasheet HTML 157Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 153 of 163
MB91570 Series
Linearity error of digital output N =
VNT - {1LSB × (N - 1) + VOT}
[LSB]
1LSB
Differential linearity error of digital output N =
V(N + 1) T - VNT
- 1 LSB [LSB]
1LSB
1LSB =
VFST - VOT
[V]
1022
VOT: Voltage at which the digital output changes from “000H” to “001 H”.
VFST: Voltage at which the digital output changes from “3FE H” to “3FF H”.
13.5.3
Notes on Using A/D Converter
<About the output impedance of the analog input of external circuit>
• External impedance values of the external input of 4.2 kΩ or lower (sampling time = 1.2 μs@ machine clock of 16 MHz) are
recommended. When the external impedance is too high, the sampling time for analog voltages may not be sufficient. In this
case, it is recommended to connect the capacitor (approx. 0.1 μF) to the analog input pin.
Analog input circuit model
R
C
MB91570series
4.0k
Ω(Max)
16.5pF(Max) *
*: except DA shared pin
Note: Listed values must be considered as reference values.
R
Analog input
During sampling: ON
Comparator
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com