Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

107SML016M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 107SML016M
Description  Small Size ??Low Cost
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107SML016M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  107SML016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107SML016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 107SML016M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SML
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
100
35
107SML035M
2.321
120
6.3x7.7
100
50
107SML050M
1.99
200
8x10.5
100
50
107SML050MD10
1.99
250
10x10.5
100
63
107SML063M
1.99
280
10x10.5
150
4
157SML004M
3.868
84
6.3x5.4
150
10
157SML010M
2.653
88
6.3x5.4
150
16
157SML016M
2.21
135
6.3x7.7
150
35
157SML035MD8
1.547
220
8x10.5
220
4
227SML004M
2.64
110
6.3x5.4
220
6.3
227SML6R3M
2.11
91
6.3x5.8
220
10
227SML010M
1.8086
250
8x6.5
220
16
227SML016MD8
1.507
280
8x10.5
220
16
227SML016M
1.507
162
6.3x7.7
220
25
227SML025M
1.206
250
10x7.7
220
25
227SML025MD8
1.206
230
8x10.5
220
35
227SML035MD10
0.9
310
10x10.5
220
35
227SML035M
0.9
270
8x10.5
220
50
227SML050M
0.9043
320
10x10.5
330
6.3
337SML6R3M
1.407
188
6.3x7.7
330
6.3
337SML6R3MD8
1.407
190
8x6.2
330
25
337SML025MD10
0.7
340
10x10.5
330
25
337SML025M
0.7
270
8x10.5
330
35
337SML035M
0.703
360
10x10.5
470
4
477SML004M
1.24
150
6.3x7.7
470
6.3
477SML6R3M
0.9877
380
8x10.5
470
10
477SML010MD8
0.8466
390
8x10.5
470
16
477SML016MD10 0.7055
330
10x10.5
470
16
477SML016M
0.56
350
8x10.5
470
25
477SML025M
0.49
430
10x10.5
1000
4
108SML004MD8
0.58
300
8x10.5
1000
6.3
108SML6R3M
0.464
370
8x10.5
1000
10
108SML010M
0.398
580
10x10.5
1500
6.3
158SML6R3M
0.3095
750
10x10.5


Similar Part No. - 107SML016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
114Kb / 3P
85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
239Kb / 3P
Small size ??Low cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
Filtering ??Bypass ??Coupling ??Blocking
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
Small Size ??Low Cost
More results

Similar Description - 107SML016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
Small size ??Extended Life ??Low cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
Small size ??Low cost
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
Small size ??Extended Life ??Low cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
Small Size ??Low Cost
226SMH016M ILLINOISCAPACITOR-226SMH016M Datasheet
284Kb / 2P
Small Size ??Extended Life ??Low Cost
logo
Willow Technologies Ltd
CXL-GP WILLOW-CXL-GP Datasheet
435Kb / 2P
Small, Low-Cost
CXTA WILLOW-CXTA Datasheet
326Kb / 2P
Small, Low-Cost, Rugged
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
Small size and low cost
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com