Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 195 page
background image
109
AT89C51CC03
4182I–CAN–06/05
Table 50. CANGIT Register
CANGIT (S:9Bh)
CAN General Interrupt
Note:
1. These fields are Read Only.
Reset Value = 0x00 0000b
76
543
210
CANIT
-
OVRTIM
OVRBUF
SERG
CERG
FERG
AERG
Bit
Number
Bit Mnemonic Description
7CANIT
General Interrupt Flag(1)
This status bit is the image of all the CAN controller interrupts sent to the
interrupt controller.
It can be used in the case of the polling method.
6-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
5OVRTIM
Overrun CAN Timer
This status bit is set when the CAN timer switches 0xFFFF to 0x0000.
If the bit ETIM in the IE1 register is set, an interrupt is generated.
Clear this bit in order to reset the interrupt.
4OVRBUF
Overrun BUFFER
0 - no interrupt.
1 - IT turned on
This bit is set when the buffer is full.
Bit resetable by user.
see Figure 50.
3
SERG
Stuff Error General
Detection of more than five consecutive bits with the same polarity.
This flag can generate an interrupt. resetable by user.
2CERG
CRC Error General
The receiver performs a CRC check on each destuffed received message
from the start of frame up to the data field.
If this checking does not match with the destuffed CRC field, a CRC error is
set.
This flag can generate an interrupt. resetable by user.
1FERG
Form Error General
The form error results from one or more violations of the fixed form in the
following bit fields:
CRC delimiter
acknowledgment delimiter
end_of_frame
This flag can generate an interrupt. resetable by user.
0
AERG
Acknowledgment Error General
No detection of the dominant bit in the acknowledge slot.
This flag can generate an interrupt. resetable by user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com