Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87360 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 112Page - National Semiconductor (TI) PC87360 Datasheet HTML 113Page - National Semiconductor (TI) PC87360 Datasheet HTML 114Page - National Semiconductor (TI) PC87360 Datasheet HTML 115Page - National Semiconductor (TI) PC87360 Datasheet HTML 116Page - National Semiconductor (TI) PC87360 Datasheet HTML 117Page - National Semiconductor (TI) PC87360 Datasheet HTML 118Page - National Semiconductor (TI) PC87360 Datasheet HTML 119Page - National Semiconductor (TI) PC87360 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 168 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
116
www.national.com
6.2
BASIC FUNCTIONALITY
The basic functionality of each GPIO pin is based on four configuration bits and a bit slice of runtime registers GPDO and
GPDI. The configuration and operation of a single pin GPIOXn (pin n in port X) is shown in Figure 18.
Figure 18. GPIO Basic Functionality
6.2.1
Configuration Options
The GPCFG register controls the following basic configuration options:
• Port Direction - Controlled by the Output Enable bit (bit 0)
• Output Type - Push-pull vs. open-drain. It is controlled by Output Buffer Type (bit 1) by enabling/disabling the pull-up
portion of the output buffer.
• Weak Static Pull-up - May be added to any type of port (input, open-drain or push-pull). It is controlled by Pull-Up Control
(bit 2).
• Pin Lock - GPIO pin may be locked to prevent any changes in the output value and/or the output characteristics. The
lock is controlled by Lock (bit 3). It disables writes to the GPDO register bits, and to bits 0-3 of the GPCFG register (In-
cluding the Lock bit itself). Once locked, it can be released by hardware reset only.
6.2.2
Operation
The value that is written to the GPDO register is driven to the pin, if the output is enabled. Reading from the GPDO register
returns its contents, regardless of the pin value or the port configuration. The GPDI register is a read-only register. Reading
from the GPDI register returns the pin value, regardless of what is driving it (the port itself, configured as an output port, or
the external device when the port is configured as an input port). Writing to this register is ignored.
Activation of the GPIO port is controlled by external device specific configuration bit (or a combination of bits). When the port
is inactive, access to GPDI and GPDO registers is disabled, and the inputs are blocked. However, there is no change in the
port configuration and in the GPDO value, and hence there is no effect on the outputs of the pins.
GPIO Device
Pin
Data Out
Data In
Enable
Output
Enable
Output
Internal
Bus
Lock
Type
Static
Pull-Up
Pull-Up
Enable
GPIO Pin Configuration (GPCFG) Register
Push-Pull =1
Pull-Up
Control
Read Only
Read/Write
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com