Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87366-XXX/VLA Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 211Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 212Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 213Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 214Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 215Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 216Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 217Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 218Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 240 page
background image
13.0 Legacy Functional Blocks (Continued)
215
www.national.com
Table 60. Parallel Port Bitmap Summary for Second Level Offset
Register
Bits
Second
Level
Offset
Mnemonic
76543210
00h
Control0
Reserved
DCR
Register
Live
Freeze Bit
Reserved
EPP Time-
out
Interrupt
Mask
02h
Control2
SPP Com-
patibility
Channel
Address
Enable
Reserved
Revision
1.7 or 1.9
Select
Reserved
04h
Control4
Reserved
PP DMA Request Inactive Time
Reserved
PP DMA Request Active Time
05h
PP
Confg0
Bit 3 of
CNFGA
Demand
DMA
Enable
ECP IRQ Channel Number
PE
Internal
Pull-up or
Pull-down
ECP DMA Channel
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com