Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87366-XXX/VLA Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366-XXX/VLA
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366-XXX/VLA Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button PC87366-XXX/VLA Datasheet HTML 180Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 181Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 182Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 183Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 184Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 185Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 186Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 187Page - National Semiconductor (TI) PC87366-XXX/VLA Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
184
www.national.com
11.5.4
Voltage Event to SMI Register 0 (VEVSMI0)
This register is one of two registers that controls event routing to SMI.
Location:
Offset 02h
Type:
R/W
2
AVDD ALARM Event Status. This channel measures the internal AVDD power, using AVDD/2.
0: Voltage level within limits (default)
1: High or low limit exceeded
1
VBAT ALARM Event Status. This channel measures the VBAT power input.
0: Voltage level within limits (default)
1: High or low limit exceeded
0
VDD ALARM Event Status. This channel measures the internal VDD power, using VDD/2.
0: Voltage level within limits (default)
1: High or low limit exceeded
Bit
76543210
Name
VSB Event
to SMI
Enable
AVI6 Event
to SMI
Enable
AVI5 Event
to SMI
Enable
AVI4 Event
to SMI
Enable
AVI3 Event
to SMI
Enable
AVI2 Event
to SMI
Enable
AVI1 Event
to SMI
Enable
AVI0 Event
to SMI
Enable
Reset
00000000
Bit
Description
7
VSB Event to SMI Enable
0: Disabled (default)
1: Enabled
6-0 AVI6-0 Event to SMI Enable
0: Disabled (default)
1: Enabled
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com