Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV2664FIDZWT Datasheet(PDF) 224 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Datasheet(HTML) 224 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 220Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 221Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 222Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 223Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 224Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 225Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 226Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 227Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.18.2 PCI Peripheral Register Description(s)
Table 6-75. PCI Memory-Mapped Registers
DSP ACCESS
ACRONYM
DSP ACCESS REGISTER NAME
HEX ADDRESS RANGE
01C1 A000 - 01C1 A00F
-
Reserved
01C1 A010
PCISTATSET
PCI Status Set Register
01C1 A014
PCISTATCLR
PCI Status Clear Register
01C1 A018 - 01C1 A01F
-
Reserved
01C1 A020
PCIHINTSET
PCI Host Interrupt Enable Set Register
01C1 A024
PCIHINTCLR
PCI Host Interrupt Enable Clear Register
01C1 A028 - 01C1 A02F
-
Reserved
01C1 A030
PCIDINTSET
PCI DSP Interrupt Enable Set Register
01C1 A034
PCIDINTCLR
PCI DSP Interrupt Enable Clear Register
01C1 A038 - 01C1 A0FF
-
Reserved
01C1 A100
PCIVENDEVMIR
PCI Vendor ID/Device ID Mirror Register
01C1 A104
PCICSRMIR
PCI Command/Status Mirror Register
01C1 A108
PCICLREVMIR
PCI Class Code/Revision ID Mirror Register
01C1 A10C
PCICLINEMIR
PCI BIST/Header Type/Latency Timer/Cacheline Size Mirror Register
01C1 A110
PCIBAR0MSK
PCI Base Address Mask Register 0
01C1 A114
PCIBAR1MSK
PCI Base Address Mask Register 1
01C1 A118
PCIBAR2MSK
PCI Base Address Mask Register 2
01C1 A11C
PCIBAR3MSK
PCI Base Address Mask Register 3
01C1 A120
PCIBAR4MSK
PCI Base Address Mask Register 4
01C1 A124
PCIBAR5MSK
PCI Base Address Mask Register 5
01C1 A128 - 01C1 A12B
-
Reserved
01C1 A12C
PCISUBIDMIR
PCI Subsystem Vendor ID/Subsystem ID Mirror Register
01C1 A130
-
Reserved
01C1 A134
PCICPBPTRMIR
PCI Capabilities Pointer Mirror Register
01C1 A138 - 01C1 A13B
-
Reserved
01C1 A13C
PCILGINTMIR
PCI Max Latency/Min Grant/Interrupt Pin/Interrupt Line Mirror Register
01C1 A140 - 01C1 A17F
-
Reserved
01C1 A180
PCISLVCNTL
PCI Slave Control Register
01C1 A184 - 01C1 A1BF
-
Reserved
01C1 A1C0
PCIBAR0TRL
PCI Slave Base Address 0 Translation Register
01C1 A1C4
PCIBAR1TRL
PCI Slave Base Address 1 Translation Register
01C1 A1C8
PCIBAR2TRL
PCI Slave Base Address 2 Translation Register
01C1 A1CC
PCIBAR3TRL
PCI Slave Base Address 3 Translation Register
01C1 A1D0
PCIBAR4TRL
PCI Slave Base Address 4 Translation Register
01C1 A1D4
PCIBAR5TRL
PCI Slave Base Address 5 Translation Register
01C1 A1D8 - 01C1 A1DF
-
Reserved
01C1 A1E0
PCIBAR0MIR
PCI Base Address Register 0 Mirror Register
01C1 A1E4
PCIBAR1MIR
PCI Base Address Register 1 Mirror Register
01C1 A1E8
PCIBAR2MIR
PCI Base Address Register 2 Mirror Register
01C1 A1EC
PCIBAR3MIR
PCI Base Address Register 3 Mirror Register
01C1 A1F0
PCIBAR4MIR
PCI Base Address Register 4 Mirror Register
01C1 A1F4
PCIBAR5MIR
PCI Base Address Register 5 Mirror Register
01C1 A1F8 - 01C1 A2FF
-
Reserved
01C1 A300
PCIMCFGDAT
PCI Master Configuration/IO Access Data Register
224
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com