| Electronic Components Datasheet Search |
|
TNETV2665FIDZWT6 Datasheet(PDF) 214 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665FIDZWT6 Datasheet(HTML) 214 Page - Texas Instruments |
|
214 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 6-56. EMAC Statistics Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME 01C8 0200 RXGOODFRAMES Good Receive Frames Register Broadcast Receive Frames Register 01C8 0204 RXBCASTFRAMES (Total number of good broadcast frames received) Multicast Receive Frames Register 01C8 0208 RXMCASTFRAMES (Total number of good multicast frames received) 01C8 020C RXPAUSEFRAMES Pause Receive Frames Register Receive CRC Errors Register (Total number of frames received with 01C8 0210 RXCRCERRORS CRC errors) Receive Alignment/Code Errors Register 01C8 0214 RXALIGNCODEERRORS (Total number of frames received with alignment/code errors) Receive Oversized Frames Register 01C8 0218 RXOVERSIZED (Total number of oversized frames received) Receive Jabber Frames Register 01C8 021C RXJABBER (Total number of jabber frames received) Receive Undersized Frames Register 01C8 0220 RXUNDERSIZED (Total number of undersized frames received) 01C8 0224 RXFRAGMENTS Receive Frame Fragments Register 01C8 0228 RXFILTERED Filtered Receive Frames Register 01C8 022C RXQOSFILTERED Received QOS Filtered Frames Register Receive Octet Frames Register 01C8 0230 RXOCTETS (Total number of received bytes in good frames) Good Transmit Frames Register 01C8 0234 TXGOODFRAMES (Total number of good frames transmitted) 01C8 0238 TXBCASTFRAMES Broadcast Transmit Frames Register 01C8 023C TXMCASTFRAMES Multicast Transmit Frames Register 01C8 0240 TXPAUSEFRAMES Pause Transmit Frames Register 01C8 0244 TXDEFERRED Deferred Transmit Frames Register 01C8 0248 TXCOLLISION Transmit Collision Frames Register 01C8 024C TXSINGLECOLL Transmit Single Collision Frames Register 01C8 0250 TXMULTICOLL Transmit Multiple Collision Frames Register 01C8 0254 TXEXCESSIVECOLL Transmit Excessive Collision Frames Register 01C8 0258 TXLATECOLL Transmit Late Collision Frames Register 01C8 025C TXUNDERRUN Transmit Underrun Error Register 01C8 0260 TXCARRIERSENSE Transmit Carrier Sense Errors Register 01C8 0264 TXOCTETS Transmit Octet Frames Register 01C8 0268 FRAME64 Transmit and Receive 64 Octet Frames Register 01C8 026C FRAME65T127 Transmit and Receive 65 to 127 Octet Frames Register 01C8 0270 FRAME128T255 Transmit and Receive 128 to 255 Octet Frames Register 01C8 0274 FRAME256T511 Transmit and Receive 256 to 511 Octet Frames Register 01C8 0278 FRAME512T1023 Transmit and Receive 512 to 1023 Octet Frames Register 01C8 027C FRAME1024TUP Transmit and Receive 1024 to 1518 Octet Frames Register 01C8 0280 NETOCTETS Network Octet Frames Register 01C8 0284 RXSOFOVERRUNS Receive FIFO or DMA Start of Frame Overruns Register 01C8 0288 RXMOFOVERRUNS Receive FIFO or DMA Middle of Frame Overruns Register Receive DMA Start of Frame and Middle of Frame Overruns 01C8 028C RXDMAOVERRUNS Register 214 Peripheral Information and Electrical Specifications Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |