| Electronic Components Datasheet Search |
|
TNETV2665VIDZWT4 Datasheet(PDF) 238 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665VIDZWT4 Datasheet(HTML) 238 Page - Texas Instruments |
|
238 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com 6.22 IEEE 1149.1 JTAG The JTAG(3) interface is used for BSDL testing and emulation of the C6424 device. TRST only needs to be released when it is necessary to use a JTAG controller to debug the device or exercise the device's boundary scan functionality. Note: TRST is synchronous and must be clocked by TCK; otherwise, the boundary scan logic may not respond as expected after TRST is asserted. For maximum reliability, C6424 includes an internal pulldown (IPD) on the TRST pin to ensure that TRST will always be asserted upon power up and the device's internal emulation logic will always be properly initialized. JTAG controllers from Texas Instruments actively drive TRST high. However, some third-party JTAG controllers may not drive TRST high but expect the use of a pullup resistor on TRST. When using this type of JTAG controller, assert TRST to initialize the device after powerup and externally drive TRST high before attempting any emulation or boundary scan operations. 6.22.1 JTAG ID (JTAGID) Register Description(s) Table 6-91. JTAG ID Register HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS Read-only. Provides 32-bit 0x01C4 0028 JTAGID JTAG Identification Register JTAG ID of the device. (3) IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture. The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the C6424 device, the JTAG ID register resides at address location 0x01C4 0028. For the actual register bit names and their associated bit field descriptions, see Figure 6-48 and Table 6-92. 31-28 27-12 11-1 0 VARIANT (4-Bit) PART NUMBER (16-Bit) MANUFACTURER (11-Bit) LSB R-n R-1011 0111 0010 0001 R-0000 0010 111 R-1 LEGEND: R = Read, W = Write, n = value at reset Figure 6-48. JTAG ID (JTAGID) Register—0x01C4 0028 238 Peripheral Information and Electrical Specifications Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |