Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV1647GSTZWT Datasheet(PDF) 217 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 217 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 213Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 214Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 215Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 216Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 217Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 218Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 219Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 220Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 236 page
background image
1
2
4
4
3
TIM_IN
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-99. Watchdog Timer Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x01C2 1C00
-
Reserved
Watchdog timer Emulation Management/Clock Speed
0x01C2 1C04
EMUMGT_CLKSPD
Register
0x01C2 1C10
TIM12
Watchdog timer Counter Register 12
0x01C2 1C14
TIM34
Watchdog timer Counter Register 34
0x01C2 1C18
PRD12
Watchdog timer Period Register 12
0x01C2 1C1C
PRD34
Watchdog timer Period Register 34
0x01C2 1C20
TCR
Watchdog timer Control Register
0x01C2 1C24
TGCR
Watchdog timer Global Control Register
0x01C2 1C28
WDTCR
Watchdog timer Watchdog Timer Control Register
0x01C2 1C2C - 0x01C2 1FFF
-
Reserved
6.21.2
Timer Electrical Data/Timing
Table 6-100. Timing Requirements for Timer Input(1) (2) (see Figure 6-71)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
1
tc(TIN)
Cycle time, TIM_IN
4P
ns
2
tw(TINPH)
Pulse duration, TIM_IN high
0.45C
0.55C
ns
3
tw(TINPL)
Pulse duration, TIM_IN low
0.45C
0.55C
ns
4
tt(TIN)
Transition time, TIM_IN
0.05C
ns
(1)
P = MXI/CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use P = 37.037 ns.
(2)
C = TIM_IN cycle time in ns. For example, when TIM_IN frequency is 27 MHz, use C = 37.037 ns
Figure 6-71. Timer Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
217
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com