Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV1644ZDU6 Datasheet(PDF) 275 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 275 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 271Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 272Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 273Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 274Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 275Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 276Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 277Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 278Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 279Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 306 page
background image
6.17.2
EMAC Electrical Data/Timing
MRCLK
2
3
1
MTCLK
2
3
1
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Table 6-85. Timing Requirements for MRCLK (see Figure 6-44)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
10 Mbps
100 Mbps
MIN
MAX
MIN
MAX
1
tc(MRCLK)
Cycle time, MRCLK
400
40
ns
2
tw(MRCLKH)
Pulse duration, MRCLK high
140
14
ns
3
tw(MRCLKL)
Pulse duration, MRCLK low
140
14
ns
Figure 6-44. MRCLK Timing (EMAC - Receive)
Table 6-86. Timing Requirements for MTCLK (see Figure 6-44)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
10 Mbps
100 Mbps
MIN
MAX
MIN
MAX
1
tc(MTCLK)
Cycle time, MTCLK
400
40
ns
2
tw(MTCLKH)
Pulse duration, MTCLK high
140
14
ns
3
tw(MTCLKL)
Pulse duration, MTCLK low
140
14
ns
Figure 6-45. MTCLK Timing (EMAC - Transmit)
Table 6-87. Timing Requirements for EMAC MII Receive 10/100 Mbit/s(1) (see Figure 6-46)
-7/-6/-5/-4
-L/-Q6/-Q5/-
NO.
UNIT
Q4
MIN
MAX
1
tsu(MRXD-MRCLKH)
Setup time, receive selected signals valid before MRCLK high
8
ns
2
th(MRCLKH-MRXD)
Hold time, receive selected signals valid after MRCLK high
8
ns
(1)
Receive selected signals include: MRXD3-MRXD0, MRXDV, and MRXER.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com