Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETV6446AINZWT8 Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 164Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 165Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 166Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 167Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 227 page
background image
PCLK
(Negative Edge Clocking)
18
20
22
HD
VD
C_FIELD
PCLK
(Positive Edge Clocking)
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-56. Switching Characteristics Over Recommended Operating Conditions for VPFE (CCD) Master
Mode(1) (see Figure 6-49)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
18
td(PCLK-HDV)
Delay time, PCLK edge to HD valid
0.5
8
ns
20
td(PCLK-VDV)
Delay time, PCLK edge to VD valid
0.5
8
ns
22
td(PCLK-C_FIELDV)
Delay time, PCLK edge to C_FIELD valid
0.5
8.3
ns
(1)
The VPFE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode the
rising edge of PCLK is referenced. When in negative edge clocking mode the falling edge of PCLK is referenced.
Figure 6-49. VPFE (CCD) Master Mode Control Output Data Timing
6.13.2 Video Processing Back-End (VPBE)
The Video Processing Back-End (VPBE) consists of the On-Screen Display (OSD) module, the Video
Encoder (VENC) including the Digital LCD (DLCD) and Analog (i.e., DAC) interfaces. The video encoder
generates analog video output. The DLCD controller generates digital RGB/YCbCr data output and timing
signals.
The VPBE register memory mapping is shown in Table 6-57.
Table 6-57. VPBE Register Descriptions
Address
Register
Description
0x01C7 2780
PID
Peripheral Revision and Class Information Register
0x01C7 2784
PCR
Peripheral Control Register
6.13.2.1 On-Screen Display (OSD)
The major function of the OSD module is to gather and blend video data and display/bitmap data before
feeding it to the Video Encoder (VENC) in YCbCr format. The video and display data is read from an
external memory, typically DDR2. The OSD is programmed via control and parameter registers. The
following are the primary features that are supported by the OSD.
•
Simultaneous display of two video windows and two OSD windows (VIDWIN0/VIDWIN1 and
OSDWIN0/OSDWIN1).
–
Separate enable for each window
–
Programmable width, height, and base starting coordinates for each window
–
External memory address and offset registers for each window
–
Support for x2 and x4 zoom in both the horizontal and vertical direction
–
OSDWIN1 can be used as an attribute window for OSDWIN0
168
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com