Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70L5 Datasheet(PDF) 125 Page - STMicroelectronics

Part # SPC564L70L5
Description  4 KB instruction cache with error detection code
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70L5 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SPC564L70L5 Datasheet HTML 120Page - STMicroelectronics SPC564L70L5 Datasheet HTML 121Page - STMicroelectronics SPC564L70L5 Datasheet HTML 122Page - STMicroelectronics SPC564L70L5 Datasheet HTML 123Page - STMicroelectronics SPC564L70L5 Datasheet HTML 124Page - STMicroelectronics SPC564L70L5 Datasheet HTML 125Page - STMicroelectronics SPC564L70L5 Datasheet HTML 126Page - STMicroelectronics SPC564L70L5 Datasheet HTML 127Page - STMicroelectronics SPC564L70L5 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 128 page
background image
DocID023953 Rev 5
125/128
SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5
Ordering information
127
5
Ordering information
Figure 41. Commercial product code structure(d)
d.
Not all configurations are available in the market. Please contact your ST Sales Representative, to get the list
of orderable commercial part number.
Memory
Conditioning
Core Family
Temperature
Package
Device
SPC56
70
EL
C
L5
B
Example code:
Product identifier
FY
Options
Y = Tray
R = Tape and Reel
O = No FlexRay
C = 80 MHz
B = 120 MHz
B = -40 oC to 105 oC
C = -40 oC to 125 oC
L3 = LQFP100
L5 = LQFP144
70 = 2 MB flash memory
L = SPC56XL family
E = e200z4d dual core
4 = Single core
SPC56 = Power Architecture
in 90 nm
64 = 1.5 MB flash memory
F= FlexRay
S
S = ASILD/SIL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com