Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B60x Datasheet(PDF) 124 Page - STMicroelectronics

Part # SPC560B60x
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B60x Datasheet(HTML) 124 Page - STMicroelectronics

Back Button SPC560B60x Datasheet HTML 120Page - STMicroelectronics SPC560B60x Datasheet HTML 121Page - STMicroelectronics SPC560B60x Datasheet HTML 122Page - STMicroelectronics SPC560B60x Datasheet HTML 123Page - STMicroelectronics SPC560B60x Datasheet HTML 124Page - STMicroelectronics SPC560B60x Datasheet HTML 125Page - STMicroelectronics SPC560B60x Datasheet HTML 126Page - STMicroelectronics SPC560B60x Datasheet HTML 127Page - STMicroelectronics SPC560B60x Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 133 page
background image
Package characteristics
SPC560B54x/6x
124/133
DocID15131 Rev 9
5.2.4
LBGA208
Figure 36. LBGA208 package mechanical drawing
1.
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metalized
markings, or other feature of package body or integral heatslug.
A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
13
5
7
9
11
13
15
2
4
6
8
10
12
14
16
R
L
K
T
J
N
M
P
A
B
H
G
F
D
C
E
A1 corner index area
(See note 1)
Bottom view
b (208 balls)
M
M
eee
fff
CA B
C
Seating
plane
A
D
D1
F
e
A
Table 54. LBGA208 mechanical data
Symbol
mm
inches(1)
Notes
Min
Typ
Max
Min
Typ
Max
A
—
—
1.70
—
—
0.0669
(2)
A1
0.30
—
—
0.0118
—
—
—
A2
—
1.085
—
—
0.0427
—
—
A3
—
0.30
—
—
0.0118
—
—
A4
—
—
0.80
—
—
0.0315
—
b
0.50
0.60
0.70
0.0197
0.0236
0.0276
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com