Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560P44L5 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPC560P44L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L5 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPC560P44L5 Datasheet HTML 101Page - STMicroelectronics SPC560P44L5 Datasheet HTML 102Page - STMicroelectronics SPC560P44L5 Datasheet HTML 103Page - STMicroelectronics SPC560P44L5 Datasheet HTML 104Page - STMicroelectronics SPC560P44L5 Datasheet HTML 105Page - STMicroelectronics SPC560P44L5 Datasheet HTML 106Page - STMicroelectronics SPC560P44L5 Datasheet HTML 107Page - STMicroelectronics SPC560P44L5 Datasheet HTML 108Page - STMicroelectronics SPC560P44L5 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Ordering information
Doc ID 14723 Rev 9
105/112
5
Ordering information
Figure 40.
Commercial product code structure(a)
Memory
Conditioning
Core Family
Y = Tray
R = Tape and Reel
X = Tape and Reel 90°
A=64 MHz, 5 V
B = 64 MHz, 3.3 V
C= 40 MHz, 5 V
D = 40 MHz, 3.3 V
F = Full featured
A = Airbag
E = Data flash memory
B = –40 to 105 °C
C = –40 to 125 °C
L3 = LQFP100
L5 = LQFP144
50 = 512 KB
44 = 384 KB
P = SPC560Px family
0 = e200z0
SPC56 = Power Architecture in 90 nm
Temperature
Package
Custom vers.
SPC56
50
Y
0P
C
L5
EFA
Example code:
Product identifier
a.
Not all configurations are available on the market. Please contact your ST sales representative to get the list of
orderable commercial part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com