Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80B4 Datasheet(PDF) 121 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 117Page - STMicroelectronics SPC564A80B4 Datasheet HTML 118Page - STMicroelectronics SPC564A80B4 Datasheet HTML 119Page - STMicroelectronics SPC564A80B4 Datasheet HTML 120Page - STMicroelectronics SPC564A80B4 Datasheet HTML 121Page - STMicroelectronics SPC564A80B4 Datasheet HTML 122Page - STMicroelectronics SPC564A80B4 Datasheet HTML 123Page - STMicroelectronics SPC564A80B4 Datasheet HTML 124Page - STMicroelectronics SPC564A80B4 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
121/157
N
Table 40.
Nexus debug port operating frequency
Package
Nexus Width Nexus Routing
Nexus Pin Usage
Max. Operating
Frequency
MDO[0:3]
MDO[4:11]
CAL_MDO[4:11]
LQFP176
BGA208
BGA324
Reduced port
mode(1)
Route to MDO(2)
Nexus Data Out
[0:3]
GPIO
GPIO
40 MHz(3)
Full port
mode(4)
Route to MDO(2)
Nexus Data Out
[0:3]
Nexus Data Out
[4:11]
GPIO
40 MHz(5),(6)
CSP496
Reduced port
mode(1)
Route to MDO(2)
Nexus Data Out
[0:3]
GPIO
GPIO
40 MHz(3)
Full port
mode(4)
Route to MDO(2)
Nexus Data Out
[0:3]
Nexus Data Out
[4:11]
GPIO
40 MHz(5),(6)
Route to
CAL_MDO(7)
Cal Nexus Data
Out [0:3]
GPIO
Cal Nexus Data
Out [4:11]
40 MHz(3)
1.
NPC_PCR[FPM] = 0
2.
NPC_PCR[NEXCFG] = 0
3.
The Nexus AUX port runs up to 40 MHz. Set NPC_PCR[MCKO_DIV] to divide-by-two if the system frequency is greater
than 40 MHz.
4.
NPC_PCR[FPM] = 1
5.
Set the NPC_PCR[MCKO_DIV] to divide by two if the system frequency is between 40 MHz and 80 MHz inclusive. Set the
NPC_PCR[MCKO_DIV] to divide by four if the system frequency is greater than 80 MHz.
6.
Pad restrictions limit the Maximum Operation Frequency in these configurations
7.
NPC_PCR[NEXCFG] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com