Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F296E Datasheet(PDF) 221 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 221 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 217Page - STMicroelectronics ST10F296E Datasheet HTML 218Page - STMicroelectronics ST10F296E Datasheet HTML 219Page - STMicroelectronics ST10F296E Datasheet HTML 220Page - STMicroelectronics ST10F296E Datasheet HTML 221Page - STMicroelectronics ST10F296E Datasheet HTML 222Page - STMicroelectronics ST10F296E Datasheet HTML 223Page - STMicroelectronics ST10F296E Datasheet HTML 224Page - STMicroelectronics ST10F296E Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
221/346
20.3.1
Short and long synchronous reset
Once the first 16 TCL elapse (4 TCL + 12 TCL), the internal reset sequence, of 1024 TCL
cycles, starts. When it is finished and when an additional 8 TCL have elapsed, the level of
the RSTIN pin is sampled (after the filter, see RSTF in Figure 75, Figure 76, Figure 77, and
Figure 78). If the RSTIN pin is high, a short reset is flagged (see Section 19: Watchdog
timer for details on reset flags). If the RSTIN pin is low, a long reset is flagged. The major
difference between long and short resets is that during a long reset, P0(15:13) also become
transparent, so it is possible to change the clock options.
Warning:
When there is a short pulse on the RSTIN pin, and when a
bidirectional reset is enabled, the RSTIN pin is held low by
the internal circuitry. At the end of 1024 TCL cycles, the
RTSIN pin is released, but due to the presence of the input
analog filter, the internal input reset signal (RSTF in
Figure 75, Figure 76, Figure 77, and Figure 78) is released
after it (50 to 500 ns after). This delay corresponds with the
additional 8 TCL. At the end of this delay, the internal input
reset line (RSTF) is sampled to elucidate if the reset event is
short or long.
Short or long reset events
●
If 8 TCL delay is > 500 ns (FCPU < 8 MHz), the reset event is always recognized as
short.
●
If 8 TCL delay is < 500 ns (FCPU > 8 MHz), the reset event could be recognized as
either short or long, depending on the real filter delay (between 50 and 500 ns) and the
CPU frequency. If RSTF samples high, a short reset is recognized. If RSTF samples
low, a long reset is recognized. Once the 8 TCL delay has elapsed with a long reset,
the P0(15:13) pins become transparent, and the system clock can be re-configured.
After the internal RSTF signal becomes high, Port 0 returns 3-4 TCL which are not
transparent.
The P0 pins become transparent and Port 0 returns 3-4 TCL which are not transparent
when a unidirectional reset is selected and when the RSTIN pin is held low untill the end of
an internal sequence (1024 TCL + max 16 TCL) and released at that time.
Note:
When the device runs with a CPU frequency lower than 40 MHz, the minimum valid reset
pulse recognized by the CPU (4 TCL) may be longer than the minimum analog filter delay
(50 ns). Consequently, a short reset pulse may not be filtered by the analog input filter.
However, this pulse is not long enough to trigger a CPU reset (as it is shorter than 4 TCL). It
generates a Flash reset, but, not a system reset. In this condition, the Flash always answers
with FFFFh, which leads to an illegal opcode and consequently a trap event is generated.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com