Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321R6-Auto Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 128Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 129Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 130Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 131Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 132Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 133Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 134Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 135Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 243 page
background image
Serial peripheral interface (SPI)
ST72321xx-Auto
132/243
Doc ID 13829 Rev 1
14.8.2
Control/status register (SPICSR)
1:0
SPR[1:0]
Serial Clock Frequency
These bits are set and cleared by software. Used with the SPR2 bit, they select
the baud rate of the SPI serial clock SCK output by the SPI in master mode.
Note: These 2 bits have no effect in slave mode.
Table 67.
SPI master mode SCK frequency
Serial clock
SPR2
SPR1
SPR0
fCPU/4
100
fCPU/8
000
fCPU/16
001
fCPU/32
110
fCPU/64
010
fCPU/128
011
Table 66.
SPICR register description (continued)
Bit
Name
Function
SPICSR
Reset value: 0000 0000 (00h)
76
543
21
0
SPIF
WCOL
OVR
MODF
Reserved
SOD
SSM
SSI
RO
RO
RO
RO
-
RW
RW
RW
Table 68.
SPICSR register description
Bit
Name
Function
7SPIF
Serial Peripheral Data Transfer Flag
This bit is set by hardware when a transfer has been completed. An interrupt is
generated if SPIE = 1 in the SPICR register. It is cleared by a software sequence (an
access to the SPICSR register followed by a write or a read to the SPIDR register).
0: Data transfer is in progress or the flag has been cleared
1: Data transfer between the device and an external device has been completed.
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the
SPICSR register is read.
6WCOL
Write Collision status
This bit is set by hardware when a write to the SPIDR register is done during a
transmit sequence. It is cleared by a software sequence (see Figure 60).
0: No write collision occurred.
1: A write collision has been detected.
5OVR
SPI Overrun error
This bit is set by hardware when the byte currently being received in the shift register
is ready to be transferred into the SPIDR register while SPIF = 1 (see Overrun
condition (OVR) on page 128). An interrupt is generated if SPIE = 1 in SPICR
register. The OVR bit is cleared by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com