Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321R6-Auto Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 162Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 163Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 164Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 165Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 166Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 167Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 168Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 169Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 243 page
background image
I2C bus interface (I2C)
ST72321xx-Auto
166/243
Doc ID 13829 Rev 1
6
ADD10
10-bit addressing in Master mode
This bit is set by hardware when the master has sent the first byte in 10-bit address
mode. It is cleared by software reading SR2 register followed by a write in the DR
register of the second address byte. It is also cleared by hardware when the
peripheral is disabled (PE = 0).
0: No ADD10 event occurred.
1: Master has sent first address byte (header)
5TRA
Transmitter/Receiver
When BTF is set, TRA = 1 if a data byte has been transmitted. It is cleared
automatically when BTF is cleared. It is also cleared by hardware after detection of
Stop condition (STOPF = 1), loss of bus arbitration (ARLO = 1) or when the
interface is disabled (PE = 0).
0: Data byte received (if BTF = 1)
1: Data byte transmitted
4BUSY
Bus busy
This bit is set by hardware on detection of a Start condition and cleared by hardware
on detection of a Stop condition. It indicates a communication in progress on the
bus. The BUSY flag of the I2CSR1 register is cleared if a Bus Error occurs.
0: No communication on the bus
1: Communication ongoing on the bus
Note: The BUSY flag is NOT updated when the interface is disabled (PE = 0). This
can have consequences when operating in Multimaster mode; that is, a second
active I2C master commencing a transfer with an unset BUSY bit can cause a
conflict resulting in lost data. A software workaround consists of checking that the
I2C is not busy before enabling the I2C Multimaster cell.
3BTF
Byte transfer finished
This bit is set by hardware as soon as a byte is correctly received or transmitted with
interrupt generation if ITE = 1. It is cleared by software reading SR1 register
followed by a read or write of DR register. It is also cleared by hardware when the
interface is disabled (PE = 0).
Following a byte transmission, this bit is set after reception of the acknowledge clock
pulse. In case an address byte is sent, this bit is set only after the EV6 event (see
Figure 68). BTF is cleared by reading SR1 register followed by writing the next byte
in DR register.
Following a byte reception, this bit is set after transmission of the acknowledge clock
pulse if ACK = 1. BTF is cleared by reading SR1 register followed by reading the
byte from DR register.
The SCL line is held low while BTF = 1.
0: Byte transfer not done
1: Byte transfer succeeded
2ADSL
Address matched (Slave mode)
This bit is set by hardware as soon as the received slave address matched with the
OAR register content or a general call is recognized. An interrupt is generated if
ITE = 1. It is cleared by software reading SR1 register or by hardware when the
interface is disabled (PE = 0).
The SCL line is held low while ADSL = 1.
0: Address mismatched or not received
1: Received address matched
Table 84.
SR1 register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com