Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321R6-Auto Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 200Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 201Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 202Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 203Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 204Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 205Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 206Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 207Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 243 page
background image
Electrical characteristics
ST72321xx-Auto
204/243
Doc ID 13829 Rev 1
19.8.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 82.
Unused I/O pins configured as
input
Figure 83.
Typical IPU vs VDD with VIN =VSS
10k
ST7XXX
10k
UNUSED I/O PORT
ST7XXX
VDD
Note: I/O can be left unconnected if it is configured as output
greater EMC robustness and lower cost.
(0 or 1) by the software. This has the advantage of
UNUSED I/O PORT
0
10
20
30
40
50
60
70
80
90
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdd(V)
Ta=140°C
Ta=95°C
Ta=25°C
Ta=-45°C
Table 127.
Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 84)
VDD =5V
IIO =+5mA
1.2
V
IIO =+2mA
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 85 and Figure 87)
IIO = +20mA,
TA < 85°C
TA > 85°C
1.3
1.5
IIO =+8mA
0.6
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 86 and Figure 89)
IIO =-5mA,
TA < 85°C
TA > 85°C
VDD -1.4
VDD -1.6
IIO =-2mA
VDD -0.7
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 19.2.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 19.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD. True open-drain I/O pins do not have VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com