Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321R6-Auto Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 221Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 222Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 223Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 224Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 225Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 226Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 227Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 228Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 243 page
background image
ST72321xx-Auto
Device configuration and ordering information
Doc ID 13829 Rev 1
225/243
Note:
On the chip, each I/O port has up to eight pads. Pads that are not bonded to external pins
are in input pull-up configuration after reset. The configuration of these pads must be kept at
reset state to avoid added current consumption.
Table 142.
Option byte 1 bit description
Bit
Name
Function
OPT7
PKG1
Package selection bit 1
This option bit, with the PKG0 bit, selects the package (see Table 143:
Package selection (OPT7)).
OPT6
RSTC
RESET clock cycle selection
This option bit selects the number of CPU cycles applied during the
RESET phase and when exiting Halt mode. For resonator oscillators,
it is advised to select 4096 due to the long crystal stabilization time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
OPT5:4
OSCTYPE[1:0]
Oscillator type
These option bits select the ST7 main clock source type.
00: Clock source = Resonator oscillator
01: Reserved
10: Clock source = Internal RC oscillator
11: Clock source = External source
OPT3:1 OSCRANGE[2:0]
Oscillator range
When the resonator oscillator type is selected, these option bits select
the resonator oscillator current source corresponding to the frequency
range of the resonator used. Otherwise, these bits are used to select
the normal operating frequency range.
000: Typ. frequency range = LP (1 ~ 2 MHz)
001: Typ. frequency range = MP (2 ~ 4 MHz)
010: Typ. frequency range = MS (4 ~ 8 MHz)
011: Typ. frequency range = HS (8 ~ 16 MHz)
OPT0
PLLOFF
PLL activation
This option bit activates the PLL which allows multiplication by two of
the main input clock frequency. The PLL must not be used with the
internal RC oscillator or with external clock source. The PLL is
guaranteed only with an input frequency between 2 and 4 MHz.
0: PLL x2 enabled
1: PLL x2 disabled
Caution: The PLL can be enabled only if the OSCRANGE (OPT3:1) bits
are configured to “MP 2 ~ 4 MHz”. Otherwise, the device functionality is
not guaranteed.
Table 143.
Package selection (OPT7)
Version
Selected package
PKG1
PKG0
(A)R
LQFP64
1
0
JLQFP44
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com