Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 129Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 130Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 131Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 132Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 133Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 134Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 135Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 136Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 243 page
background image
ST72321xx-Auto
Serial peripheral interface (SPI)
Doc ID 13829 Rev 1
133/243
14.8.3
Data I/O register (SPIDR)
The SPIDR register is used to transmit and receive data on the serial bus. In a master
device, a write to this register will initiate transmission/reception of another byte.
Note:
During the last clock cycle the SPIF bit is set, a copy of the received data byte in the shift
register is moved to a buffer. When the user reads the serial peripheral data I/O register, the
buffer is actually being read.
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
4MODF
Mode Fault flag
This bit is set by hardware when the SS pin is pulled low in master mode (see
Master mode fault (MODF) on page 128). An SPI interrupt can be generated if
SPIE = 1 in the SPICSR register. This bit is cleared by a software sequence (An
access to the SPICR register while MODF = 1 followed by a write to the SPICR
register).
0: No master mode fault detected
1: A fault in master mode has been detected
3
-
Reserved, must be kept cleared
2SOD
SPI Output Disable
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI output (MOSI in master mode / MISO in slave mode).
0: SPI output enabled (if SPE = 1)
1: SPI output disabled
1
SSM
SS Management
This bit is set and cleared by software. When set, it disables the alternate function of
the SPI SS pin and uses the SSI bit value instead. See Slave select management on
page 123.
0: Hardware management (SS managed by external pin)
1: Software management (internal SS signal controlled by SSI bit. External SS pin
free for general-purpose I/O)
0
SSI
SS Internal Mode
This bit is set and cleared by software. It acts as a ‘chip select’ by controlling the
level of the SS slave select signal when the SSM bit is set.
0: Slave selected
1: Slave deselected
Table 68.
SPICSR register description (continued)
Bit
Name
Function
SPIDR
Reset value: Undefined
76
543
21
0
D[7:0]
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com