Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 149Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 150Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 151Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 152Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 153Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 154Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 155Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 156Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 243 page
background image
ST72321xx-Auto
Serial communications interface (SCI)
Doc ID 13829 Rev 1
153/243
15.7.7
Extended transmit prescaler division register (SCIETPR)
This register allows setting of the external prescaler rate division factor for the transmit
circuit.
Table 77.
SCIERPR register description
Bit
Name
Function
7:0
ERPR[7:0]
8-bit Extended Receive Prescaler Register
The extended baud rate generator is activated when a value different from 00h is
stored in this register. Therefore the clock frequency issued from the 16 divider
(see Figure 64) is divided by the binary factor set in the SCIERPR register (in
the range 1 to 255).
The extended baud rate generator is not used after a reset.
SCIETPR
Reset value: 0000 0000 (00h)
76
543
21
0
ETPR[7:0]
RW
Table 78.
SCIETPR register description
Bit
Name
Function
7:0
ETPR[7:0]
8-bit Extended Transmit Prescaler Register
The extended baud rate generator is activated when a value different from 00h is
stored in this register. Therefore the clock frequency issued from the 16 divider
(see Figure 64) is divided by the binary factor set in the SCIETPR register (in the
range 1 to 255).
The extended baud rate generator is not used after a reset.
Table 79.
Baud rate selection
Symbol
Parameter
Conditions
Standard
Baud rate
Unit
fCPU
Accuracy
versus
standard
Prescaler
fTx
fRx
Communication
frequency
8MHz
~0.16%
Conventional mode
TR (or RR) = 128, PR = 13
TR (or RR) = 32, PR = 13
TR (or RR) = 16, PR = 13
TR (or RR) = 8, PR = 13
TR (or RR) = 4, PR = 13
TR (or RR) = 16, PR = 3
TR (or RR) = 2, PR = 13
TR (or RR) = 1, PR = 13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz
~0.79%
Extended mode
ETPR (or ERPR) = 35,
TR (or RR) = 1, PR = 1
14400
~14285.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com